Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147-06 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9147-06
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147-06 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9147-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147-06 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ICS9147-06
Pin Descriptions
Functionality
PD#
BUSEN
CPUEN
FS1
FS0
CPU (1:4)
CPUH
BUS
REF
IOAPIC
24
(MHz)
48
(MHz)
11100
Tristate
Tristate
Tristate
Tristate
Tristate
11101
60
30
14.31818
24
48
11110
66.6
33.3
14.31818
24
48
11111
REF/2
REF/4
REF
REF/4
REF/2
1
1
0
X
X
LOW
Running
14.31818
24
48
1
0
1
X
X
Running
LOW
14.31818
24
48
0
XXXX
LOW
LOW
LOW
LOW
LOW
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1, 2, 47
REF1, REF2, REF3
OUT
14.318 MHz reference clock outputs.
3, 10, 18, 24, 30, 32,
37, 43, 44
GND
PWR
Ground.
4X1
IN
Crystal input, has internal crystal load capacitor, and feedback resistor
from X2. Nominally 14.31818MHz.
5
X2
OUT
Crystal output, has internal crystal load capacitor
8, 9, 11, 12, 13, 14,
16, 17
BUS (1:8)
OUT
BUS clock outputs, operates synchronously at CPU/2.
26, 27
FS (0:1)
IN
Select pin for enabling CPU and BUS clock frequencies.*
7, 15, 21, 25, 34, 48
VDD3
PWR
Core and Buffer output clock power supply.
22, 23
48M (1:2)
OUT
48 MHz clock output
28
PD#
IN
Device power down input, stops outputs low and shuts off crystal
oscillator and PLLs when low.*
29
CPUEN
IN
Output enable for all CPU clocks, a logic low will Stop low all CPU
clocks.*
36
CPUH
OUT
3.3 (VDD3 dependent) CPU clock output
38, 39, 41, 42
CPU (1:4)
OUT
CPU clock output clocks, operates at VDDL supply voltage (with
IOAPIC), either nominal 3.3V VDD or reduced voltage 2.9 to 2.5V.
6BUSEN
IN
Output enable for all BUS clock, a logic low will stop Low all Bus
clocks.*
45
IOAPIC
OUT
IOAPIC clock output. (14.318 MHz), operates at VDDL supply voltage
with CPU (1:4), either nominal 3.3V VDD or reduced voltage
2.9 to 2.5V.
40, 46
VDDL
PWR
Power supply for CPU and IOAPIC block buffers, operates at nominal
3.3V VDD or reduced voltage 2.9 to 2.5V.
33
24M
OUT
24 MHz clock output
* Has internal pull-up to VDD3.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com