Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05 Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MB05
Description  Surface Mount Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MB05 Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MB05 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MB05 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - DERATING CURVE OUTPUT RECTIFIED
CURRENT FOR
AMBIENT TEMPERATURE.(0C)
FIG.2-MAXIMUN NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER LEG
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
20
40
60
80
100
120
140 160
NUMBER OF CYCLES
35
30
25
20
15
10
50
0
1
10
100
Ta=40
0C
Single Half Sine-Wave
(JEDEC Method)
FIG.3 - TYPICAL FORWARD VOLTAGE
CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD VOLTAGE.(V)
10
1
0.1
0.01
TJ=250C
TJ =1500C
TJ=250C
PulseWidth=300 s
1% Duty Cycle
f=60Hz
f=50Hz
FIG.4-TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
100
10
1
0.1
0.01
0
20
40
60
80
100
Aluminum Substrate
Glass
Epoxy
P.C.B.
Resistive or Inductive Load
1 Cycle
0.2 0.4
0.6
0.8 1.0
1.2 1.4 1.6
TJ=250C
TJ=125
0 C
1
4
10.0
100
100
10
1.0
REVERSE VOLTAGE, VOLTS
FIG.5-TYPICAL JUNCTION CAPACITANCE
TJ=25℃ ,f=1MHZ
MAKO Semiconductor Co., Limited
4008-378-873
www.makosemi.hk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com