Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6F Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MB6F
Description  Surface Mount Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MB6F Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MB6F Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MB6F Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.019(0.5)
.031(0.8)
.106(2.7)
.09(2.3)
.275(7.0)MAX
.153(3.9)
.169(4.3)
.057(1.3)
.067(1.7)
.023(0.6)
.043(1.1)
.014(.35)
.006(.15)
.027(0.7)
.043(1.1)
.057(1.3)
.067(1.7)
.177(4.5)
.193(4.9)
.065(1.7)
.059(1.5)
.008(0.2)
+-
~~
Dimensions in inches and (millimeters)
MB-F
8F
F
MAKO Semiconductor Co., Limited
4008-378-873
www.makosemi.hk


Similar Part No. - MB6F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB6F PACELEADER-MB6F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB6F PFS-MB6F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB6F LUGUANG-MB6F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB6F FORMOSA-MB6F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB6F JUXING-MB6F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB6F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
Surface Mount Bridge Rectifier
logo
MAKO SEMICONDUCTOR CO.,...
MB2F MAKOSEMI-MB2F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB05 MAKOSEMI-MB05 Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB8F MAKOSEMI-MB8F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
DB151S DACHANG-DB151S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S_13 Datasheet
91Kb / 5P
Surface Mount Bridge Rectifier
19-Aug-13
logo
GUANGDONG HOTTECH INDUS...
DB101S HOTTECH-DB101S Datasheet
160Kb / 2P
Surface Mount Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com