Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBL2310SW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HBL2310SW
Description  Manual Motor Controllers and Disconnects
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBL2310SW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HBL2310SW Datasheet HTML 1Page - List of Unclassifed Manufacturers HBL2310SW Datasheet HTML 2Page - List of Unclassifed Manufacturers HBL2310SW Datasheet HTML 3Page - List of Unclassifed Manufacturers HBL2310SW Datasheet HTML 4Page - List of Unclassifed Manufacturers HBL2310SW Datasheet HTML 5Page - List of Unclassifed Manufacturers HBL2310SW Datasheet HTML 6Page - List of Unclassifed Manufacturers HBL2310SW Datasheet HTML 7Page - List of Unclassifed Manufacturers HBL2310SW Datasheet HTML 8Page - List of Unclassifed Manufacturers HBL2310SW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
4
HBLDS3
Circuit-Lock® Non-Metallic Disconnect Switches
"Suitable as Motor Disconnects"
• Heavy duty, corrosion resistant Type 4X Valox® enclosure
• Superior safety—switches can only be turned ON with
the cover closed
• Easy installation with adjustable mounting feet and
fully removable covers
• Fused disconnect switches accept Class "J" fuses
• Unfused units are NSF Certified
Hubbell Circuit-Lock® Non-Metallic Disconnect Switches
comply with both the controller and disconnect requirements
of the NEC®, making them ideal for meeting line-of-sight
requirements in a variety of industrial environments. They
feature a high visibility red handle that can be locked in
the "OFF" position to comply with OSHA lockout/tagout
regulations. For maximum reliability, the external stainless steel
hardware and rugged enclosure resist abuse and corrosion,
while a neoprene gasket ensures a watertight seal.
FDS30
FDS60
HBLDS3
Fused Disconnect Switches
3 Pole 600V AC
Amp Description
Catalog Number
30
Circuit-Lock fused disconnect switch.
FDS30*
60
Circuit-Lock fused disconnect switch.
FDS60*
Auxiliary contact, normally open, A600 pilot duty.
ACFSNO
Auxiliary contact, normally closed, A600 pilot duty.
ACFSNC
Unfused Disconnect Switches in Non-Metallic Enclosure**
3 Pole 600V AC
Amp Description
Catalog Number
30
Circuit-Lock disconnect switch.
HBLDS3
Circuit-Lock disconnect switch with HBLAC1 auxiliary contact.
HBLDS3AC
Circuit-Lock disconnect switch with HBLAC2 auxiliary contact.
HBLDS3AC2
Circuit-Lock disconnect switch without conduit knockout or conduit fitting.
HBLDS3NK
Circuit-Lock disconnect switch with HBLAC1 auxiliary contact without conduit
knockout or conduit fitting.
HBLDS3ACNK
Circuit-Lock disconnect switch with 3 auxiliary contacts, w/o conduit knockouts.
Break before main break – 1 set “normally open”, 1 set “normally closed”.
Break after main break – 2 sets “normally open”, 1 set “normally closed”.
HBLDS33ACNK
60
Circuit-Lock disconnect switch.
HBLDS6
Circuit-Lock disconnect switch with HBLAC1 auxiliary contact.
HBLDS6AC
100
Circuit-Lock disconnect switch.
HBLDS10
Circuit-Lock disconnect switch with HBLAC1 auxiliary contact.
HBLDS10AC
“Break After Main Break”, 1 set of n/o contacts, 1 set of n/c contacts.
HBLAC1
“Break Before Main Break”, 1 set of n/o contacts.
HBLAC2
Note: *Class “J” fuses not included.
**Certified by NSF, International.
ACFSNO
NEC® is a registered trademark of the National Fire Protection Association (NFPA).
Valox® is a trademark of SABIC Innovative Plastics, acquired from General Electric Company.
HBLAC1
HBLAC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com