Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8R00 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST8R00
Description  Micropower 1 A synchronous step-up DC-DC converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8R00 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST8R00 Datasheet HTML 7Page - STMicroelectronics ST8R00 Datasheet HTML 8Page - STMicroelectronics ST8R00 Datasheet HTML 9Page - STMicroelectronics ST8R00 Datasheet HTML 10Page - STMicroelectronics ST8R00 Datasheet HTML 11Page - STMicroelectronics ST8R00 Datasheet HTML 12Page - STMicroelectronics ST8R00 Datasheet HTML 13Page - STMicroelectronics ST8R00 Datasheet HTML 14Page - STMicroelectronics ST8R00 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ST8R00
Typical characteristics
Doc ID 13449 Rev 2
11/18
Figure 22.
Output voltage vs. input voltage
Figure 23.
Maximum output current vs. output
voltage
Figure 24.
Inductor current
Figure 25.
Load transient
VI=5V,VINH= 2V, L=4.7µH, CI=CO=10µF, No Load, T=25°C
VI=VINH=5V, IO=from 10mA to 500mA
Figure 26.
Line transient
Figure 27.
INH transient
VI=VINH from 4V to 5.5V, IO=500mA, 20µs
VI=6, VINH from 0V to 2V, IO=1A
V
I=VINH from 0 to 6V, IO=400mA
0.00
2.00
4.00
6.00
8.00
10.00
12.00
01
23
45
6
V
I [V]
125°C
25°C
0°C
-25°C
V
I=VINH from 0 to 6V, IO=400mA
0.00
2.00
4.00
6.00
8.00
10.00
12.00
01
23
45
6
V
I [V]
125°C
25°C
0°C
-25°C
V
I=VINH=5V
Pc
os
t=
6W
OPERATIVE ZONE
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
5.5
6.5
7.5
8.5
9.5
10.5
11.5
12.5
V
O [V]
P
MAX=6W
V
I=VINH=5V
Pc
os
t=
6W
OPERATIVE ZONE
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
5.5
6.5
7.5
8.5
9.5
10.5
11.5
12.5
V
O [V]
P
MAX=6W
I
LX
V
LX
V
O
I
O
V
I
V
O
V
INH
V
O
I
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com