Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9148-47 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9148-47
Description  Pentium/ProTM System Clock Chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-47 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9148-47 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-47 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ICS9148-47
Pin Descriptions
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1X1
IN
XTAL_IN 14.318MHz Crystal input, has internal 33pF load
cap and feed back resistor from X2
2
X2
OUT
XTAL_OUT Crystal output, has internal load cap 33pF
3
GND2
PWR
Ground for PCI outputs
4
PCICLK_F
OUT
Free Running PCI output
5, 6, 7, 8, 10, 11
PCICLK (0:5)
OUT
PCI clock outputs. TTL compatible 3.3V
6, 9
VDD2
PWR
Power for PCICLK outputs, nominally 3.3V
12
VDD3
PWR
Poer for 48MHz
13
48MHz
OUT
Fixed CLK output @ 48MHz
14
24/48MHz
OUT
Fixed CLK output; 24MHz if pin 27 =1 at power up, 48MHz
if pin 27=0 at power up.
15
GND3
PWR
Ground for 48MHz
16
SEL100/66.6#
IN
Select pin for enabling 100MHz or 66.6MHz
H=100MHz, L=66.6MHz (PCI always synchronous 33.3MHz)
17
SCLK
IN
Clock input for I2C input
18
SDATA
IN
Data input for I2C input
19
GND
PWR
Ground for CPUCLK (0:1)
20
VDD
PWR
Power for PLL core
21, 22
CPUCLK (1:0)
OUT
CPU and Host clock outputs nominally 2.5V
23
VDDL
PWR
Power for CPU outputs, nominally 2.5V
24
IOAPIC
OUT
IOAPIC clock output 14.318MHz.
25
VDDL
PWR
Power for IOAPIC
26
VDD1
PWR
Power for REF outputs.
27
REF0/SEL 48#
OUT/IN
14.318MHz clock output/Latched input at power up. When
low, pin 14 is 48MHz.
28
GND1
PWR
Ground for REF outputs, X1, X2.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com