Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150F-02 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9150F-02
Description  Pentium Pro and SDRAM Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-02 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9150F-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9150-02
Preliminary Product Preview
Pin Descriptions
Power Groups
VDD1 = REF (0:1), X1, X2
VDD2 = PCICLK_F, PCICLK (0:5)
VDD3 = SDRAM (0:12), Supply for PLL core
VDD4 = 48 MHz
VDDL1 = IOAPIC (0:1)
VDDL2 = CPUCLK (0:4)
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
2, 3
REF (0:1)
OUT
14.318 MHz reference clock outputs.
4, 10, 17, 23, 31,
34, 40, 47, 53
GND
PWR
Ground.
5X1
IN
14.318MHz input. Has internal load cap,(33pF).
6
X2
OUT
Crystal output. Has internal load cap (33pF) and feedback
resistor to X1
8
PCICLK_F
OUT
Free running BUS clock.
9, 11, 12, 13
14, 16
PCICLK (0:5)
OUT
BUS clock outputs.
18, 19
48MHz
OUT
48MHz clock outputs
21
N/C
-
Pins are not internally connected.
27
SDATA
IN
Serial data in for serial config port.
28
SCLK
IN
Clock input for serial config port.
29
OE
IN
Logic input for output enable, tristates all outputs when low.
30
SEL 66/60#
IN
Selects 60MHz or 66MHz for SDRAM and CPU.
1, 7, 15, 20, 26,
37, 43
VDD2, VDD1,
VDD3, VDD4
PWR
Nominal 3.3V power supply. See power groups for function.
50, 56
VDDL2, VDDL1
PWR
CPU and IOAPIC clock buffer power supply (2.5 - VDD)
22, 24, 25, 32, 33,
35, 36, 38, 39, 41,
42, 44, 45
SDRAM (0:12)
OUT
SDRAM clocks (60/66.6MHz)
54, 55
IOAPIC (1:0)
OUT
IOAPIC clock output. (14.31818 MHz) Powered by VDDL1
46, 48, 49, 51, 52
CPUCLK (0:4)
OUT
CPU Output clocks. Powered by VDDL2 (60 or 66.6MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com