Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDB03LCC Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SMDB03LCC
Description  SO-8
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SMDB03LCC Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SMDB03LCC Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDB03LCC Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDB03LCC Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDB03LCC Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDB03LCC Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0427, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SMDB03LCC
THRU
SMDB24LCC
PACKAGE OUTLINES & DEMENSIONS
SO-8
MILLMETER
SYMBOL
MIN.
TYP.
MAX.
A
-
-
1.75
A1
0.10
-
0.225
A2
1.30
1.40
1.50
A3
0.60
0.65
0.70
b
0.39
-
0.48
c
0.21
-
0.26
D
4.70
4.90
5.10
E
3.70
3.90
4.10
E1
5.80
6.00
6.20
e
1.27BSC
h
0.25
-
0.50
L
0.50
-
0.80
L1
1.05BSC
Θ1
0
-
8°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com