Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150F-04 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9150F-04
Description  Pentium Pro??and SDRAM Frequency Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-04 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9150F-04 Datasheet HTML 1Page - Integrated Circuit Systems ICS9150F-04 Datasheet HTML 2Page - Integrated Circuit Systems ICS9150F-04 Datasheet HTML 3Page - Integrated Circuit Systems ICS9150F-04 Datasheet HTML 4Page - Integrated Circuit Systems ICS9150F-04 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150F-04 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-04 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-04 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150F-04 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
ICS9150- 04
Pin Descriptions
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
2
IOAPIC2
OUT
IOAPIC clock output (14.318MHz) powered by VDDL1
CPU3.3#_2.5
IN
Indicates whether VDDL1 & VDDL2 are 3.3 or 2.5V. Output
buffer strength compensates for VDDL selection to maintain
CPU to SDRAM skew. High = 2.5V, Low = 3.3V. Has pull-up
to VDDL1, must use series resistor for 3.3 or 5V logic levels.
3
REF0
OUT
14.318 MHz reference clock outputs.
4, 10, 17, 23, 31, 34,
40, 47, 53
GND
PWR
Ground.
5
X1
IN
14.318MHz input. Has internal load cap, (nominal 33pF).
6X2
OUT
Crystal output. Has internal load cap (33pF) and feedback
resistor to X1
8
PCICLK_F
OUT
Free running BUS clock during PCI_STOP#=0.
FS11
IN
Latched frequency select input. Has pull-up to VDD2.
9
PCICLK0
OUT
BUS clock output
FS21
IN
Latched frequency select input. Has pull-up to VDD2.
11, 12,
13, 14
PCICLK (1:4)
OUT
BUS clock outputs.
27
SDATA
IN
Serial data in for serial config port. (I2C)
28
SCLK
IN
Clock input for serial config port. (I2C)
30
24MHz
OUT
24MHz clock output for Super I/O or FD.
FS01
IN
Latched frequency select input. Has pull-up to VDD4.
29
48MHz
OUT
48MHz clock output for USB.
MODE1
IN
Latched input for MODE select. Converts 2 outputs to power
management CPU_STOP# and PCI_STOP# when low. Has pull-
up to VDD4.
1, 7, 15, 20, 26, 37,
43
VDD2, VDD1,
VDD3, VDD4
PWR
Nominal 3.3V power supply, see power groups for function.
50, 56
VDDL2, VDDL1
PWR
CPU and IOAPIC clock buffer power supply, either 2.5 or 3.3V
nominal.
18, 19, 21, 22, 24,
25, 32, 33, 35, 36,
38, 39, 41, 42, 44, 45
SDRAM (0:15)
OUT
SDRAM clocks
55
IOAPIC0
OUT
IOAPIC clock output. (14.318 MHz) Poweredby VDDL1
46, 48, 49, 51, 52
CPUCLK (0:4)
OUT
CPU Output clocks. Powered by VDDL2 (60 or 66.6MHz)
54
IOAPIC1
OUT
IOAPIC clock output. (14.31818 MHz) Powered by VDDL1
CPU_STOP#
IN
Halts CPUCLK clocks at logic "0" level when low. (in mobile,
MODE=0)
16
PCICLK5
OUT
PCI BUS clock 5
PCI_STOP#
IN
Halts PCICLK (0:4) at logic "0" level when low. (in mobile,
MODE=0)
Notes:
1:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor
to program logic Hi to VDD or GND for logic low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com