Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-12 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9159-12
Description  Frequency Generator and Buffers for Mobile Pentium Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-12 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9159-12 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ICS9159-12
Pin Descriptions
Note: BCLK buffers cannot be supplied with 5 volts (Pins 14 and 20) if CPU
and fixed frequencies (Pins 1, 8 and 26) are being supplied with 3 volts.
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
8, 25
VDD
PWR
Power for logic, CPU and fixed frequency output buffers.
1X1
IN
XTAL or external reference frequency input. This input includes XTAL load
capacitance and feedback bias for a 10 - 30 MHz XTAL.
2
X2
OUT
XTAL output which includes XTAL load capacitance.
3
OEN
IN
OEN tristates all outputs when low. This input has an internal pull-up device.
4
BPIN
IN
Input to BPIN(0:5) buffers.
5
BHIN
IN
Input to BHIN(0:3) buffers.
11, 23
GND
PWR
Ground for logic, CPU and fixed frequency output buffers.
6, 7, 9, 10
BH(0:3)
OUT
Buffered copies of the BHIN input, typically used to drive the PCI device clock
inputs at one half the CPU frequency.
13, 12
FS(0:1)
IN
Frequency multiplier select pins. See table below. These inputs have internal pull-up
devices.
14, 20
VDD
PWR
Power for BCLK output buffers.
15, 16, 18 19,
21, 22
BP(0:5)
OUT
Buffered copies of the BPIN input, typically used to drive the host device clock
inputs at the CPU frequency. 17 VSS PWR Ground for BCLK output buffers.
24
CPU
OUT
The CPU output, which is a multiple of the input reference frequency as shown in
the table above. Duty cycle is 50/50±5% with a maximum frequency of 100 MHz.
26
24M
OUT
The 24M clock is fixed at 24 MHz.
28, 27
REF(0:1)
OUT
REF is a buffered copy of the crystal oscillator or reference input clock,
nominally 14.31818 MHz.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com