Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-14 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9159-14
Description  Frequency Generator and Integrated Buffer for PENTIUM?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-14 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9159-14 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ICS9159-14
Pin Descriptions
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
6
2
,
8
,
1D
D
VR
W
P.
s
r
e
f
f
u
b
t
u
p
t
u
o
y
c
n
e
u
q
e
r
f
d
e
x
i
f
d
n
a
U
P
C
,
c
i
g
o
l
r
o
f
r
e
w
o
P
21
XN
I
d
a
o
l
L
A
T
X
s
e
d
u
l
c
n
i
t
u
p
n
i
s
i
h
T
.
t
u
p
n
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
l
a
n
r
e
t
x
e
r
o
L
A
T
X
.
z
H
M
8
1
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
l
a
t
s
y
r
c
z
H
M
6
1
-
2
1
a
r
o
f
s
a
i
b
k
c
a
b
d
e
e
f
d
n
a
e
c
n
a
t
i
c
a
p
a
c
32
XT
U
O.
e
c
n
a
t
i
c
a
p
a
c
d
a
o
l
L
A
T
X
s
e
d
u
l
c
n
i
h
c
i
h
w
t
u
p
t
u
o
L
A
T
X
3
2
,
1
1
,
4D
N
GR
W
P.
s
r
e
f
f
u
b
t
u
p
t
u
o
y
c
n
e
u
q
e
r
f
d
e
x
i
f
d
n
a
U
P
C
,
c
i
g
o
l
r
o
f
d
n
u
o
r
G
0
1
,
9
,
7
,
6)
3
:
0
(
K
L
C
PT
U
O
s
a
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
f
o
e
l
p
i
t
l
u
m
a
e
r
a
h
c
i
h
w
s
t
u
p
t
u
o
k
c
o
l
c
r
o
s
s
e
c
o
r
P
.
e
v
o
b
a
e
l
b
a
t
e
h
t
n
i
n
w
o
h
s
2
1
,
3
1)
1
:
0
(
S
FN
I
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
e
v
a
h
s
t
u
p
n
i
e
s
e
h
T
.
e
v
o
b
a
e
l
b
a
t
e
e
S
.
s
n
i
p
t
c
e
l
e
s
r
e
i
l
p
i
t
l
u
m
y
c
n
e
u
q
e
r
F
.
s
e
c
i
v
e
d
0
2
,
4
1D
D
VR
W
P.
s
r
e
f
f
u
b
t
u
p
t
u
o
K
L
C
B
r
o
f
r
e
w
o
P
,
9
1
8
1
,
6
1
,
5
1
2
2
,
1
2
)
5
:
0
(
K
L
C
BT
U
O.
y
c
n
e
u
q
e
r
f
K
L
C
P
e
h
t
f
l
a
h
e
n
o
t
a
d
e
x
i
f
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
s
u
B
7
1D
N
GR
W
P.
s
r
e
f
f
u
b
t
u
p
t
u
o
K
L
C
B
r
o
f
d
n
u
o
r
G
5N
E
ON
I
4
2
.
e
c
i
v
e
d
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
n
a
s
a
h
t
u
p
n
i
s
i
h
T
.
w
o
l
n
e
h
w
s
t
u
p
t
u
o
l
l
a
s
e
t
a
t
s
i
r
t
N
E
O
.
)
t
u
p
n
i
z
H
M
8
1
3
.
4
1
h
t
i
w
(
z
H
M
4
2
t
a
d
e
x
i
f
s
i
k
c
o
l
c
r
e
l
l
o
r
t
n
o
c
K
S
I
D
e
h
T
T
U
O
K
S
I
D
5
2B
S
UT
U
O.
)
t
u
p
n
i
z
H
M
8
1
3
.
4
1
h
t
i
w
(
z
H
M
8
4
t
a
d
e
x
i
f
s
i
k
c
o
l
c
B
S
U
e
h
T
7
2
,
8
2)
1
:
0
(
F
E
RT
U
O
y
l
l
a
n
i
m
o
n
,
k
c
o
l
c
t
u
p
n
i
e
c
n
e
r
e
f
e
r
r
o
r
o
t
a
l
l
i
c
s
o
l
a
t
s
y
r
c
e
h
t
f
o
y
p
o
c
d
e
r
e
f
f
u
b
a
s
i
F
E
R
.
z
H
M
8
1
8
1
3
.
4
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com