Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159M-13 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9159M-13
Description  Frequency Generator and Integrated Buffer for PENTIUM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159M-13 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS9159M-13 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159M-13 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159M-13 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159M-13 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159M-13 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159M-13 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159M-13 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
ICS9159-13
SOIC Package
LEAD COUNT
28L
DIMENSIONL
0.704
ICS XXXX M-PPP
Example:
Package Type
M=SOIC, SOP
Device Type (consists of 3 or 4 digit numbers)
ICS=Standard Device
Prefix
Ordering Information
ICS9159M-13
Pattern Number(2 or 3 digit number for parts with ROM code patterns)
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com