Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159M-20 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9159M-20
Description  Frequency Generator for SIS551X and SIS6205 Chip Set Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159M-20 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9159M-20 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159M-20 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159M-20 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159M-20 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159M-20 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ICS9159-20
Pin Descriptions
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1, 8, 20, 26
VDD
PWR
Power for logic, PCLK and fixed frequency output buffers.
2X1
IN
XTAL or external reference frequency input. This input includes XTAL load
capacitance and feedback bias for a 12 - 16 MHz crystal, nominally 14.31818 MHz.
3
X2
OUT
XTAL output which includes XTAL load capacitance.
4, 11, 17, 23
GND
PWR
Ground for logic, PCLK and fixed frequency output buffers.
5
BSEL
IN
The DISK controller clock is fixed at 33 MHz (with 14.318 MHz input).
6, 7, 9, 10, 24
BOUT(0:4)
OUT
Uncommitted clock buffer outputs.
13, 12
FS(0:1)
IN
Frequency multiplier select pins. See table above. These inputs have internal pull-up
devices. 14 BIN IN Uncommitted buffered inputs.
15, 16, 18, 19,
21, 22, 27
BCLK(0:6)
OUT
Bus clock outputs are fixed at 33.3 MHz or one half the CPU frequency. 25 CPU
OUT Processor clock outputs which are a multiple of the input reference frequency
as shown in the table above.
28
REF
OUT
REF is a buffered copy of the crystal oscillator or reference input clock,
nominally 14.31818 MHz.
Note: BCLK buffers cannot be supplied with 5 volts (Pins 14 and 20) if CPU and fixed frequencies (Pins 1, 8 and 26) are being
supplied with 3.3 volts.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com