Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169CF-232 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9169CF-232
Description  Frequency Generator for Pentium??Based Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CF-232 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9169CF-232 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CF-232 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CF-232 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CF-232 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CF-232 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169CF-232 Datasheet HTML 6Page - Integrated Circuit Systems ICS9169CF-232 Datasheet HTML 7Page - Integrated Circuit Systems ICS9169CF-232 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9169C-232
Block Diagram
Frequency Generator for Pentium™ Based Systems
9169C-232RevB031897
Pin Configuration
28-Pin SOIC or SSOP
Functionality
3.3V±10%, 0-70
°C
Crystal (X1, X2) = 14.31818 MHz
Pentium is a trademark of Intel Corporation.
•
Strong output drive.
•
Eight selectable CPU clocks operate up to 83.3 MHz
•
Frequency selections include Turbo-mode speed of 68.5
MHz
•
Maximum CPU jitter of ±200ps
•
Six BUS clocks support sync or async bus operation
•
250ps skew window for CPU outputs, 500ps skew window for
BUS outputs
•
CPU clocks to BUS clocks skew 1-4 ns (CPU early)
•
48 MHz clock for USB support & 24 MHz clock for FD.
•
Logic inputs latched at Power-On for frequency selection
saving pins as Input/Output
•
Integrated buffer outputs drive up to 30pF loads
•
3.0V - 3.7V supply range, CPU (1:6) outputs 2.5V
(2.375 - 2.6V) VDD option
•
28-pin SOIC or SSOP package
The ICS9169C-232 is a low-cost frequency generator
designed specifically for Pentium and Pentium-Pro based
chip set systems. The integrated buffer minimizes skew
and provides all the clocks required. A 14.318 MHz XTAL
oscillator provides the reference clock to generate standard
Pentium frequencies. The CPU clock makes
gradual
frequency transitions without violating the PLL timing of
internal microprocessor clock
multipliers. A raised
frequency setting of 68.5 MHz is available for Turbo-mode
of the 66.8 MHz CPU. The ICS9169C-232 contains 8 CPU
clocks, 6 PCI clocks, 1 REF at 48MHz and 1 at 24MHz.
Either synchronous (CPU/2) or asynchronous (32 MHz)
PCI bus operation can be selected by latching data on
BSEL input.
ADD RESS
SEL ECT
CP U( 1:8)
(MHz)
BU S (1:6)MHz
48MHz 24MHz
RE F
FS2 FS1
FS0
BSEL=1 BSEL=0
0
0
0502532
48
24
REF
0
0
1603032
48
24
REF
0
1
0
66.8
33.4
32
48
24
REF
01
1
75.9
32
32
48
24
REF
10
0
55
27.5
32
48
24
REF
1
0
1
75.9
37.5
32
48
24
REF
1
1
0
83.3
41.7
32
48
24
REF
1
1
1
68.5
34.25
32
48
24
REF
VDD Groups:
VDD1 = X1, X2, REF/BSEL
VDD2 = CPU1-6
VDD3 = CPU7-8 & PLL Core
VDD4 = BUS1-6
VDD5 = 48/24 MHz
Latched Inputs:
L1 = BSEL
L2 = FS0
L3 = FS1
L4 = FS2
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9169CF-232

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169CF-231 ICST-ICS9169CF-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
More results

Similar Description - ICS9169CF-232

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com