Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4045C Datasheet(PDF) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ST4045C
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ST4045C Datasheet(HTML) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ST4045C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST4045C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST4045C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST4045C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST4045C Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST4045C Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST4045C Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1447, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST4045C
STB4045C
STF4045C
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
VF1
@ 5A, Pulse, TJ = 25 °C
0.39
0.47
V
VF2
@ 10A, Pulse, TJ = 25 °C
0.43
0.52
V
VF3
@ 20A, Pulse, TJ = 25 °C
0.50
0.58
V
VF4
@ 5A, Pulse, TJ = 125 °C
0.26
0.35
V
VF5
@ 10A, Pulse, TJ = 125
°C
0.31
0.40
V
Forward Voltage Drop
(per leg) *
VF6
@ 20A, Pulse, TJ = 125
°C
0.41
0.50
V
Reverse Current (per leg)
IR1
@VR = rated VR
TJ = 25 °C
0.21
3.0
mA
Reverse Current (per leg) *
IR2
@VR = rated VR
TJ = 125 °C
116
150
mA
Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
868
1000
pF
Voltage Rate of Change
dv/dt
-
-
10,000
V/
µs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
°C
Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
1.5
°C/W
Approximate Weight
wt
-
2/1.85/2
g
Case Style
TO-220AB/D²PAK/ITO-220AB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com