Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB5010 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PB5010
Description  Enhanced isoCink Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PB5010 Datasheet(HTML) 3 Page - Vishay Siliconix

  PB5010 Datasheet HTML 1Page - Vishay Siliconix PB5010 Datasheet HTML 2Page - Vishay Siliconix PB5010 Datasheet HTML 3Page - Vishay Siliconix PB5010 Datasheet HTML 4Page - Vishay Siliconix PB5010 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PB5006, PB5008, PB5010
www.vishay.com
Vishay General Semiconductor
Revision: 26-Jun-13
3
Document Number: 84809
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Forward Power Dissipation
Fig. 4 - Typical Forward Characteristics Per Diode
Fig. 5 - Typical Reverse Characteristics Per Diode
Fig. 6 - Typical Junction Capacitance Per Diode
0
5
10
15
20
25
55
0
40
Average Forward Current (A)
20
100
80
60
40
35
30
120
50
45
0.4
1.2
10
0.1
1
100
0.6
0.8
1.0
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
1.1
0.5
0.7
0.9
T
A = 100 °C
T
A = 85 °C
1000
20
10
60
40
30
50
70
90
100
80
0.01
1
10
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
0.1
T
A = 100 °C
T
A = 85 °C
0.1
1
10
100
10
1000
Reverse Voltage (V)
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com