Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC357N2 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC357N2
Description  Mini-flat Package, General Purpose Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC357N2 Datasheet(HTML) 5 Page - Sharp Corporation

  PC357N2 Datasheet HTML 1Page - Sharp Corporation PC357N2 Datasheet HTML 2Page - Sharp Corporation PC357N2 Datasheet HTML 3Page - Sharp Corporation PC357N2 Datasheet HTML 4Page - Sharp Corporation PC357N2 Datasheet HTML 5Page - Sharp Corporation PC357N2 Datasheet HTML 6Page - Sharp Corporation PC357N2 Datasheet HTML 7Page - Sharp Corporation PC357N2 Datasheet HTML 8Page - Sharp Corporation PC357N2 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Sheet No.: D2-A00101EN
■ Model Line-up
Model No.
with or without
A
B
C
D
A or B
B or C
C or D
A, B or C
B, C or D
A, B, C or D
IC [mA]
(IF
=5mA, VCE=5V, Ta=25˚C)
2.5 to 30.0
4.0 to 8.0
6.5 to 13.0
10.0 to 20.0
15.0 to 30.0
4.0 to 13.0
6.5 to 20.0
10.0 to 30.0
4.0 to 20.0
6.5 to 30.0
4.0 to 30.0
PC357N
PC357N1
PC357N2
PC357N3
PC357N4
PC357N5
PC357N6
PC357N7
PC357N8
PC357N9
PC357N0
3 000pcs/reel
Taping
PC357NT
PC357N1T
PC357N2T
PC357N3T
PC357N4T
PC357N5T
PC357N6T
PC357N7T
PC357N8T
PC357N9T
PC357N0T
750pcs/reel
Rank mark
Package
5
Please contact a local SHARP sales representative to inquire about production status and Lead-Free options.
PC357N Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com