Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-128 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-128
Description  Frequency Generator & Integrated Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-128 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-128 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-128 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-128 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-128 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-128 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-128 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-128 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-128 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-128 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
ICS9248-128
Third party brands and names are the property of their respective owners.
Pin Descriptions
Notes:
1:
Internal Pull-up Resistor of 120K to 3.3V on indicated inputs
2:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor
to program logic Hi to VDD or GND for logic low.
P in num b er
P in nam e
T yp e
D escription
1
V DDR/X
P ower
Is olated 3.3 V power for c ry s tal & referenc e
RE F0
O utput
3.3V , 14.318 M Hz referenc e c loc k output.
M ode
Input
Func tion s elec t pin, 1= des k top m ode, 0= m obile m ode. Latc hed input.
3,9,16,22,
27,33,39
G ND
P ower
3.3 V Ground
4
X 1
Input
14.318 M Hz c ry s tal input
5
X 2
O utput
14.318 M Hz c ry s tal output
6,14
V DDP CI
P ower
3.3 V power for the P CI c loc k outputs
FS 1
Input
Logic input frequenc y s elec t bit. Input latc hed at power-on.
P CICLK _F
O utput
3.3 V free running P CI c loc k output, will not be s topped by the P CI_S TO P #
P CICLK 0
O utput
3.3 V P CI c loc k outputs , generating tim ing requirem ents for P entium II
FS 2
Input
Logic input frequenc y s elec t bit. Input latc hed at power-on.
13, 12, 11, 10
P CICLK (4:1)
O utput
3.3 V P CI c loc k outputs , generating tim ing requirem ents for P entium II
15,28,29,31,32,
34,35,37,38
SDRA M 12,
S DRA M (7:0)
O utput
S DRA M c loc k outputs . Frequenc y is s elec ted by S D-S el latc hed input.
S DRA M 11
O utput
S DRA M c loc k outputs . Frequenc y is s elec ted by S D-S el latc hed input.
CP U_S TOP #
Input
A s y nc hronous ac tiv e low input pin us ed to s top the CP UCLK in low s tate,
all other c loc k s will c ontinue to run. The CP UCLK will hav e a "Turnon" latenc y
of at leas t 3 CP U c loc k s .
S DRA M 10
O utput
S DRA M c loc k outputs . Frequenc y is s elec ted by S D-S E L latc hed input.
PCI-STO P #
Input
S y nc hronous ac tiv e low input us ed to s top the P CICLK in a low s tate. It will not
effec t P CICLK _F or any other outputs .
19
V DDS D/C
P ower
3.3 V power for S DRA M outputs and c ore
S DRA M 9
O utput
S DRA M c loc k outputs . Frequenc y is s elec ted by S D-S el latc hed input.
SDRA M_STOP #
Input
A s y nc hronous ac tiv e low input us ed to s top the S DRA M in a low s tate.
It will not effec t any other outputs .
S DRA M 8
O utput
S DRA M c loc k outputs . Frequenc y is s elec ted by S D-S el latc hed input.
P D#
Input
A s y nc hronous ac tiv e low input pin us ed to power down the dev ic e into a low
power s tate. The internal c loc k s are dis abled and the V CO and the c ry s tal are
s topped. The latenc y of the power down will not be greater than 3m s .
23
S DA TA
Input
Data input for I2C s erial input.
24
S CLK
Input
Cloc k input of I2C input
S E L24_14#
Input
This input pin c ontrols the frequenc y of the S IO . If logic 0 at power on
S IO= 14.318 M Hz . If logic 1 at power-on S IO = 24M Hz .
S IO
O utput
S uper I/O output. 24 or 14.318 M Hz . S elec table at power-up by S E L24_14M Hz
FS 0
Input
Logic input frequenc y s elec t bit. Input latc hed at power-on.
48 M Hz
O utput
3.3 V 48 M Hz c loc k output, fix ed frequenc y c loc k ty pic ally us ed with
USB devic es
30,36
V DDS DR
P ower
3.3 V power for S DRA M outputs
40,41,43
CP UCLK (3:1)
0utput
2.5 V CP U and Hos t c loc k outputs
42
V DDLCP U
P ower
2.5 V power for CP U
RE F2
O utput
3.3V , 14.318 M Hz referenc e c loc k output.
CP U3.3#_2.5
Input
This pin s elec ts the operating v oltage for the CP U. If logic 0 at power on
CP U= 3.3 V and if logic 1 at power on CP U= 2.5 V operating v oltage.
45
GNDL
P ower
2.5 V Ground for the IOA P IC or CP U
RE F1
O utput
3.3V , 14.318 M Hz referenc e c loc k output.
S D_S E L#
Input
This input pin c ontrols the frequenc y of the S DRA M .
47
IOA P IC
O utput
2.5V fix ed 14.318 M Hz IO A P IC c loc k outputs
48
V DDLA P IC
P ower
2.5 V power for IOA P IC
21,2
81,2
26 1,2
71,2
46 1,2
44 1,2
17 1
20 1
18 1
21 1
25 1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com