Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-134 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-134
Description  Frequency Timing Generator for PENTIUM II/III Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-134 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-134 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-134 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-134 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-134 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-134 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-134 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-134 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-134 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-134 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
ICS9248-134
Pin Descriptions
The ICS9248-134 is a main clock synthesizer chip for Pentium II based systems using Rambus Interface DRAMs. This chip
provides all the clocks required for such a system when used with a Direct Rambus Clock Generator(DRCG) chip such as the
ICS9212-01.
Spread Spectrum may be enabled by driving the SPREAD# pin active. Spread spectrum typically reduces system EMI by 8dB
to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9248-134
employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature
variations.
The CPU/2 clocks are inputs to the DRCG.
General Description
Pin number
Pin name
Type
Description
1, 7, 13, 19, 25, 31,
36, 41, 45
G ND
PWR
G round pins
2
REF0
OU T
14.318M Hz reference clock outputs at 3.3V
REF1
OU T
14.318M Hz reference clock outputs at 3.3V
SEL24_48
IN
Logic input to select 24 or 48M Hz for pin 26 output
4, 10, 16, 23,
28, 35
V DD
PWR
Power pins 3.3V
5
X 1
IN
X TAL_IN 14.318M Hz crystal input
6
X 2
OU T
X TAL_O UT Crystal output
PCICLK_F
OU T
Free running PCI clock at 3.3V . Synchronous to CPU clocks. Not
affected by the PCI_STOP# input.
FS0
IN
Logic - input for frequency selection
PCICLK0
OU T
PCI clock output at 3.3V . Synchronous to CPU clocks.
FS1
IN
Logic - input for frequency selection
PCICLK1
OU T
PCI clock output at 3.3V . Synchronous to CPU clocks.
FS2
IN
Logic - input for frequency selection
PCICLK2
OU T
PCI clock output at 3.3V . Synchronous to CPU clocks.
FS3
IN
Logic - input for frequency selection
14, 15, 17, 18, 20,
21, 22
PCICLK (9:3)
OU T
PCI clock outputs at 3.3V. Synchronous to CPU clocks.
24
PD #
IN
This asynchronous input powers down the chip when drive
active(Low). The internal PLLs are disabled and all the output clocks
are held at a Low state.
26
24_48M Hz
OU T
24 or 48M Hz output selectable by
SEL24_48# (0=48M Hz 1=24M Hz)
48M Hz
OU T
Fixed 48M Hz clock output. 3.3V
FS4
IN
Logic - input for frequency selection
29
SCLK
IN
Clock input of I
2C input
30
SD ATA
I/O
Data pin for I
2
C circuitry 5V tolerant
32, 33, 34
3V66 (2:0)
OU T
3.3V clock outputs. These outputs are stopped when CPU_STOP#
is driven active..
37, 38, 40
CPUCLK (2:0)
OU T
H ost bus clock output at 2.5V.
42
CPU/2
OU T
2.5V clock outputs at 1/2 CPU frequency.
39, 43, 48
V DDL
PWR
Power pins for the CPU, CPU/2 & IO APIC clocks. 2.5V
44, 46, 47
IOAPIC (2:0)
OU T
IOAPIC clocks at 2.5V. Synchronous with CPU CLKs.
27
12
3
8
9
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com