Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-138 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-138
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-138 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-138 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-138 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-138 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-138 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-138 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-138 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-138 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-138 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-138 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ICS9248-138
Preliminary Product Preview
Third party brands and names are the property of their respective owners.
General Description
Pin Configuration
The ICS9248-138 is the single chip clock solution for designs using the 810/810E and Solano style chipset. It provides all
necessary clock signals for such a system.
Spread spectrum may be enabled through I2C programming. Spread spectrum typically reduces system EMI by 8dB to 10dB.
This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9248-138 employs a
proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature variations.
Serial programming I2C interface allows changing functions, stop clock programming and frequency selection.
PIN NU MBER
PIN NAME
TYPE
D ESCRIPTION
SEL24_48M H z#
IN
Logic inputs frequency select I/O /USB output,
When a "0" is latched, output frequency = 48M H z
When a "1" is latched, output frequency = 24M H z
REF0
O UT
14.318 M H z reference clock.
2, 10, 11, 18, 25,
30, 38
VDD
PWR
3.3V Pow er supply for SD RAM output buffers, PCI output buffers,
reference output buffers and 48M H z output
3
X 1
IN
Crystal input,nominally 14.318M H z.
4
X 2
O UT
Crystal output, nominally 14.318M Hz.
5, 6, 14, 21, 29, 34,
42
G N D
PWR
G round pin for 3V outputs.
9, 8, 7
3V 66 [2:0]
O UT
3.3V Clocks
FS 0
IN
Frequency select pin.
PCICLK 0
O UT
PCI clock output
FS 1
IN
Frequency select pin.
PCICLK 1
O UT
PCI clock output
20, 19, 17, 16, 15
PCICLK [6:2]
O UT
PCI clock outputs.
22
PD #
IN
A synchronous active low input pin used to power dow n the device into a low
power state. The internal clocks are disabled and the VCO and the crystal are
stopped. The latency of the pow er dow n w ill not be greater than 3ms.
23
SCLK
IN
Clock input of I2C input, 5V tolerant input
24
SD A TA
IN
D ata input for I2C serial input, 5V tolerant input
FS 4
IN
Frequency select pin.
48M H z
O UT
48M H z output clocks
FS 3
IN
Frequency select pin.
48M H z
O UT
48M H z output clocks
FS2
IN
Frequency select pin.
24_48M Hz
OUT
24 or 48M Hz output
31
SD RA M _F
O UT
Free running SD RA M - used for feed back to chipset, should remain on
alw ays.
32, 33, 35, 36, 37,
39, 40, 41,
SD RA M [7:0]
O UT
SD RA M clock outputs
43
GNDLCPU
PWR
Ground pin for the CPU clocks.
44, 45
CPU CLK [1:0]
O UT
CPU clock outputs.
46
VDDLCPU
PWR
Power pin for the CPUCLK s. 2.5V
47
IO A PIC
O UT
2.5V clock output
1
26
28
12
13
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com