Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-150 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-150
Description  Frequency Generator for Multi - Processor Servers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-150 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-150 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-150 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ICS9248-150
Third party brands and names are the property of their respective owners.
General Description
Pin Configuration
The ICS9248-150 is a main clock for ServerWorks Grand Champion Systems.
Spread spectrum typically reduces system EMI by 8dB to 10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9248-150 employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and temperature variations.
R
E
B
M
U
N
N
I
P
E
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1K
L
C
I
C
PT
U
Ot
u
p
t
u
o
k
c
o
l
c
I
C
P
,
1
3
,
4
2
,
8
1
,
2
1
,
6
,
2
,
3
4
,
7
3
D
D
VR
W
Py
l
p
p
u
s
r
e
w
o
p
V
3
.
3
3
0
S
FN
In
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
z
H
M
8
4T
U
Ot
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
4
1
S
FN
In
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
#
z
H
M
8
4T
U
Ot
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
d
e
t
r
e
v
n
I
,
4
3
,
8
2
,
1
2
,
5
1
,
9
,
5
7
4
,
0
4
D
N
GR
W
Py
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
,
6
1
,
2
4
,
9
3
,
6
3
,
3
3
7
,
0
1
,
3
1
)
0
:
7
(
T
K
L
C
U
P
CT
U
O
t
n
e
r
r
u
c
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
e
u
r
T
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
d
n
a
s
t
u
p
t
u
o
,
7
1
,
1
4
,
8
3
,
5
3
,
2
3
8
,
1
1
,
4
1
)
0
:
7
(
C
K
L
C
U
P
CT
U
O
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
o
t
n
e
m
e
l
p
m
o
C
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
d
n
a
s
t
u
p
t
u
o
t
n
e
r
r
u
c
9
1F
E
RT
U
Oz
H
M
8
1
3
.
4
1
t
u
p
t
u
o
e
c
n
e
r
e
f
e
R
0
2#
D
A
E
R
P
SN
I
t
s
o
h
l
a
i
t
n
e
r
e
f
f
i
D
e
h
t
n
o
y
t
i
l
a
n
o
i
t
c
n
u
f
m
u
r
t
c
e
p
S
d
a
e
r
p
S
s
e
k
o
v
n
I
w
o
L
e
v
i
t
c
A
,
s
k
c
o
l
c
2
21
Xt
u
p
n
I
l
a
t
s
y
r
C
2
Xt
u
p
n
i
l
a
t
s
y
r
C
z
H
M
8
1
3
.
4
1
3
22
Xt
u
p
t
u
O
l
a
t
s
y
r
C
1
Xt
u
p
t
u
o
l
a
t
s
y
r
C
z
H
M
8
1
3
.
4
1
6
4
,
5
2
F
E
R
I
D
D
V
,
A
D
D
V
R
W
PV
3
.
3
y
l
p
p
u
s
r
e
w
o
p
g
o
l
a
n
A
6
2F
E
R
IT
U
O
.
s
r
i
a
p
K
L
C
U
P
C
e
h
t
r
o
f
t
n
e
r
r
u
c
e
c
n
e
r
e
f
e
r
e
h
t
s
e
h
s
i
l
b
a
t
s
e
n
i
p
s
i
h
T
o
t
r
e
d
r
o
n
i
d
n
u
o
r
g
o
t
d
e
i
t
r
o
t
s
i
s
e
r
n
o
i
s
i
c
e
r
p
d
e
x
i
f
a
s
e
k
a
t
n
i
p
s
i
h
T
.
t
n
e
r
r
u
c
d
e
r
i
u
q
e
r
e
h
t
h
s
i
l
b
a
t
s
e
0
3
,
9
2)
0
:
1
(
L
E
S
T
L
U
MN
Is
t
u
p
n
i
t
c
e
l
e
s
g
n
i
w
s
U
P
C
4
4#
D
PN
I.
w
o
L
e
v
i
t
c
A
.
e
d
o
m
n
w
o
d
-
r
e
w
o
p
s
e
k
o
v
n
I
5
4
,
7
2
F
E
R
I
D
N
G
A
D
N
G
R
W
Py
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
g
o
l
a
n
A
8
43
3
1
/
0
0
1
L
E
SN
Iz
H
M
3
3
1
=
h
g
i
H
,
z
H
M
0
0
1
=
w
o
L
.
t
c
e
l
e
S
y
c
n
e
u
q
e
r
F
U
P
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com