Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO280-RK-I7 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # MO280-RK-I7
Description  Thermal Imaging Technician?셲 Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MO280-RK-I7 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  MO280-RK-I7 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
MO280-RK-I7 Thermal Imaging Technician’s Kit
Specifications subject to change without notice.
Copyright © 2009-2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/12/13 - R1
Kit includes:
• Model FLIR i7 Compact IR Camera
- Affordable InfraRed Camera with high quality image,
focus free viewing, and 5000 image miniSD card storage
- High 2% accuracy and 0.1°C thermal sensitivity
- Extremely lightweight (12 ounces) resulting in less user fatigue
• Model MO280 Pinless Moisture Meter
- Select from 10 different wood types
- Displays %moisture from 0 to 99%
- Measurement depth to 0.75" (22mm) below the surface
• Model MO220 Wood Moisture Meter
- Memory contains 8 wood groups with calibrations for
approximately 170 species of wood
- Measures wood moisture from 6 to 99.9%
- Measurements can be taken uing the integral pin
electrodes or a heavy duty remote probe (included)
• Model RH490 Precision Hygro-Thermometer
- Measures Temperature, Humidity, Dew Point, Wet Bulb,
Absolute Humidity, GPP (grains per pound/grains per kilogram)
- Less than 30 second RH response time with 2%RH accuracy
• Model RHT10 Humidity/Temperature USB Datalogger
- Datalogs 16,000 RH and 16,000 Temperature readings
- User-programmable sampling rate and alarm thresholds
- RHT10-SW software included for GPP calculations and
USB interface for data download
A complete solution for the Restoration Contractor
Thermal imaging camera quickly locates areas of moisture in building materials. Use pin and
pinless meters to better diagnose the amount of moisture content. Thermal Hygrometer provides
fast, accurate readings of ambient room conditions and GPP calculations
Thermal Imaging Technician’s Kit
Measure moisture of wall
material with non-invasive
Pinless technology
Measure moisture directly on the
material or use remote
handpress moisture probe
(included) on hard materials.
Compact (12oz) FLIR i7 Thermal
Camera with quality resolution,
stores 5000 JPEG images via
memory card (included). Detects
hidden problems fast!
Supplied in a rugged heavy duty hard carrying case
that provides protection and organization for the
meters and accessories whenever they are needed
Monitors Humidity/Temperature levels
in warehouse, freezers, shipping vans,
and water damage restoration. USB
connector easily plugs into a computer
for data analysis.
Precision Hygro-Thermometer
with 2%RH accuracy and fast
30sec RH response time.
Measures Humidity,
Temperature, Dew Point, Wet
Bulb, GPP and g/kg
QuickReport™ PC software for
Thermal Camera enables user
to analyze Temperature of all
JPEG images from miniSD
™
card


Similar Part No. - MO280-RK-I7

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO280-RK-I5 EXTECH-MO280-RK-I5 Datasheet
408Kb / 1P
Thermal Imaging Technician?셲 Kit
More results

Similar Description - MO280-RK-I7

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
Optical Mouse Designer?셲 Kit
logo
Extech Instruments Corp...
TK430 EXTECH-TK430 Datasheet
175Kb / 1P
Plant maintenance, HVAC or electrical technician?셲 Kit
MO280-RK EXTECH-MO280-RK Datasheet
332Kb / 1P
Restoration Contractor?셲 Kit
MO280-RK-I5 EXTECH-MO280-RK-I5 Datasheet
408Kb / 1P
Thermal Imaging Technician?셲 Kit
logo
Keysight Technologies
DSOXEDK KEYSIGHT-DSOXEDK Datasheet
2Mb / 8P
Educator?셲 Oscilloscope Training Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
Optical Mouse Designer?셲 Kit
logo
List of Unclassifed Man...
ETS320 ETC1-ETS320 Datasheet
736Kb / 2P
Thermal Imaging Solution for Electronics Testing
T540 ETC1-T540 Datasheet
244Kb / 2P
Professional Thermal Imaging Cameras
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
Optical Mouse Designer?셲 Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com