Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-92 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9248-92
Description  Mobile Pentium IITM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-92 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9248-92 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-92 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ICS9248-92
Connections to VDD:
General Layout Precautions:
1) Use a ground plane on the top routing
layer of the PCB in all areas not used
by traces.
2) Make all power traces and ground
traces as wide as the via pad for lower
inductance.
Notes:
1 All clock outputs should have
provisions for a 15pf capacitor
between the clock output and series
terminating resistor. Not shown in all
places to improve readability of
diagram.
2 Optional crystal load capacitors are
recommended. They should be
included in the layout but not inserted
unless needed.
Component Values:
C1 : Crystal load values determined by user
C2 : 22F/20V/D case/Tantalum
AVX TAJD226M020R
C3 : 15pF capacitor
FB = Fair-Rite products 2512066017X1
All unmarked capacitors are 0.01F ceramic
3.3V Power Route
3.3V Power Route
2.5V Power Route
C3
C1
C1
C4
1
Clock Load
2
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Ferrite
Bead
VDD
C2
22µF/20V
Tantalum
Ferrite
Bead
VDD
C2
22µF/20V
Tantalum
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
= Routed Power
= Ground Connection Key (component side copper)
= Ground Plane Connection
= Power Route Connection
= Solder Pads
= Clock Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com