Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-14 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9250-14
Description  Frequency Timing Generator for Pentium II Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-14 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9250-14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-14 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
ICS9250-14
Preliminary Product Preview
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.
L
O
B
M
Y
SS
N
O
I
S
N
E
M
I
D
N
O
M
M
O
CS
N
O
I
T
A
I
R
A
VD
N
.
N
I
M.
M
O
N.
X
A
M.
N
I
M.
M
O
N.
X
A
M
A5
9
0
.2
0
1
.0
1
1
.D
A0
2
7
.5
2
7
.0
3
7
.6
5
1
A8
0
0
.2
1
0
.6
1
0
.
2
A7
8
0
.0
9
0
.4
9
0
.
B8
0
0
.-
5
3
1
0
.
c5
0
0
.-
0
1
0
.
Ds
n
o
i
t
a
i
r
a
V
e
e
S
E1
9
2
.5
9
2
.9
9
2
.
eC
S
B
5
2
0
.
0
H5
9
3
.-
0
2
4
.
h0
1
0
.3
1
0
.6
1
0
.
L0
2
0
.-
0
4
0
.
Ns
n
o
i
t
a
i
r
a
V
e
e
S
µ
°
0-
°
8
56 Pin 300 mil SSOP Package
“For current dimensional specifications, see JEDEC 95.”
.093
DIA. PIN (Optional)
D/2
E/2
BOTTOM VIEW
A
2
SEE
DETAIL “A”
-E-
c
END VIEW
H
Pin 1
TOP VIEW
Index
Area
PARTING LINE
L
DETAIL “A”
A
1
-e-
B
A
SIDE VIEW
-C-
-D-
SEATING
PLANE
.004 C
Ordering Information
ICS9250yF-14-T
Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
F=SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y F - PPP - T
Dimensions in inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com