Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-18 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9250-18
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-18 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9250-18 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-18 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-18 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-18 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-18 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-18 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-18 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-18 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-18 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
ICS9250-18
Third party brands and names are the property of their respective owners.
General Description
The ICS9250-18 is the single chip clock solution for Desktop/designs using BX, Appollo Pro 133 type of chip sets. It provides
all necessary clock signals for such a system.
Spread spectrum may be enabled through I2C programming. Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9250-18
employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature
variations.
Serial programming I2C interface allows changing functions, stop clock programming and frequency selection.
Mode Pin - Power Management Input Control
E
D
O
M
)
t
u
p
n
I
d
e
h
c
t
a
L
(
3
n
i
P
0
#
P
O
T
S
_
I
C
P
)
t
u
p
n
I
(
1
0
F
E
R
)
t
u
p
t
u
O
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com