Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST15100 Datasheet(PDF) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ST15100
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ST15100 Datasheet(HTML) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ST15100 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15100 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1038, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST15100
STB15100
STF15100
STD15100
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Forward Voltage Drop (V)
0.001
0.010
0.100
1.000
10.000
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
10
100
1000
10000
5
10
15
20
25
30
35
40
Reverse Voltage (V)
Fig.2-Typical Reverse Characteristics
Fig.3-Typical Instantaneous Forward Voltage Characteristics
Fig.1-Typical Junction Capacitance
TJ=125℃
TJ=25℃
TJ=25℃
TJ=25℃
TJ=125℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com