Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST15120C Datasheet(PDF) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ST15120C
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ST15120C Datasheet(HTML) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ST15120C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15120C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15120C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15120C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15120C Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST15120C Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1364, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST15120C
STB15120C
STD15120C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 7.5A, Pulse, TJ = 25 °C
0.88
V
Forward Voltage Drop
(per leg)*
VF2
@ 7.5A, Pulse, TJ = 125 °C
0.71
V
Reverse Current (per leg)*
IR1
@VR = rated VR
TJ = 25 °C
0.6
mA
IR2
@VR = rated VR
TJ = 125
°C
40
mA
Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25
°C
fSIG = 1MHz
450
pF
Voltage Rate of Change
dv/dt
-
10,000
V/
µs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
ST15120C
STB15120C
STD15120C
Units
Junction Temperature
TJ
-55 to +150
°C
Storage Temperature
Tstg
-55 to +150
°C
Maximum Thermal
Resistance Junction to
Case(per leg)*
RθJC
2.8
2.8
2.0
°C/W
Approximate Weight
wt
2
1.85
0.39
g
Case Style
TO-220AB/ D
2PAK/ DPAK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com