Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF4060C Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # STF4060C
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STF4060C Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STF4060C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4060C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4060C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4060C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1426, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
STF4060C(R)
Electrical Characteristics:
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
°C
Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
5.0
°C/W
Approximate Weight
wt
-
2
g
Case Style
ITO-220AB
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 20A, Pulse, TJ = 25
°C
0.62
V
Forward Voltage Drop (per
leg)*
VF2
@ 20A, Pulse, TJ = 125
°C
0.57
V
Reverse Current (per leg)
IR1
@VR = rated VR
TJ = 25 °C
6
mA
Reverse Current (per leg) *
IR2
@VR = rated VR
TJ = 125 °C
190
mA
Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
1000
pF
Voltage Rate of Change
dv/dt
-
10,000
V/
µs
Clip mounting, the epoxy body away
from the heatsink edge by more than
0.110" along the lead direction.
4500
Clip mounting, the epoxy body is
inside the heatsink.
3500
RSM Isolation Voltage
(t = 1.0 second, R. H. < =30%,
TA = 25 °C)
VISO
Screw mounting, the epoxy body is
inside the heatsink.
1500
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com