Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SMF
Description  200 WATT SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SMF Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SMF Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SMF Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SMF Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SMF Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (SMF SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
0.1
1.0
10
td, PULSE WIDTH, sec.
Non-Repetitive
Pulse Waveform
Shown in Fig. 3
TA=25 C
FIG.2-PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE ( C)
TL, LEAD TEMPERATURE ( C)
0
25
50
75
100
125
150
175
0
25
50
75
100
125
150
175
0
0
25
0.1
0.2
0.3
0.4
0.5
50
75
100
FIG.3-PULSE WAVE FORM
FIG.6-STEADY STATE POWER DERATING CURVE
0
1.0
2.0
3.0
4.0
t, TIME, ms
0
50
100
150
td
e-kt
Tf=10 s
Peak Value
IPPM
Half Value-IPPM
2
TA=25 C
Pulse Width (td) is defined
as the point where the Peak
Current Deacys to 50% of Ipp
FIG.5-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
0
20
40
50
10
30
TJ=TJmax
8.3ms Single Half Sine-wave
JEDEC Method
10/1000 sec Waveform
as Defined by R.E.A.
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
FIG.4-TYPICAL JUNCTION CAPACITANCE
100
500
10
50
1,000
5,000
10,000
V(BR), BREAKDOWN VOLTAGE, VOLTS
1.0
2.0
5.0
10
30
50
100
200
Measured at
Stand-Off
Voltage(VMW)
Measued at
Zero Bias
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
369



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com