Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94206 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS94206
Description  Programmable System Frequency Generator for PII/III?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94206 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS94206 Datasheet HTML 7Page - Integrated Circuit Systems ICS94206 Datasheet HTML 8Page - Integrated Circuit Systems ICS94206 Datasheet HTML 9Page - Integrated Circuit Systems ICS94206 Datasheet HTML 10Page - Integrated Circuit Systems ICS94206 Datasheet HTML 11Page - Integrated Circuit Systems ICS94206 Datasheet HTML 12Page - Integrated Circuit Systems ICS94206 Datasheet HTML 13Page - Integrated Circuit Systems ICS94206 Datasheet HTML 14Page - Integrated Circuit Systems ICS94206 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
ICS94206
Electrical Characteristics - CPU
TA = 0 - 70º C;VDD = 3.3V; VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP2B
Vo=VDD*(0.5)
13.5
15
45
Ω
Output Impedance
1
RDSN2B
Vo=VDD*(0.5)
13.5
16.5
45
Ω
Output High Voltage
VOH2B
IOH = -1 mA
2
2.48
V
Output Low Voltage
VOL2B
IOL = 1 mA
0.04
0.4
V
VOH@MIN = 1 V
-60
-27
VOH@MAX = 2.375V
-27
-7
VOL@MIN = 1.2 V
27
63
VOL@MAX =0.3V
20
30
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.0 V
0.4
1.2
1.6
ns
Fall Time
1
tf2B
VOH = 2.0 V, VOL = 0.4 V
0.4
0.9
1.6
ns
Duty Cycle
1
dt2B
VT = 1.25 V
45
46.9
55
%
Skew
1
tsk2B
VT = 1.25 V
12.7
175
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = 1.25 V, CPU 66, SDRAM 100
150
250
ps
1Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
IOH2B
Output Low Current
IOL2B
Electrical Characteristics - PCI
TA = 0 - 70º C; VDD = 3.3 V +/-5%, CL = 40 pF for PCI0-1, CL = 10 - 30 pF for other PCIs (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP1
Vo=VDD*(0.5)
12
55
Ω
Output Impedance
1
RDSN1
Vo=VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL1
IOL = 1 mA
0.55
V
VOH@MIN = 1 V
-33
VOH@MAX = 3.135V
-33
VOL@MIN = 1.95 V
30
VOL@MAX =0.4V
38
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V,
0.5
1.5
2
ns
Fall Time
1
tf1
VOL = 2.4 V, VOH = 0.4 V, PCI0-3
0.5
1.5
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
52.5
55
%
Skew
1
tsk1
VT = 1.5 V
49
500
ps
Jitter, cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
200
500
ps
1Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
IOH1
Output Low Current
IOL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com