Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO290-RK Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # MO290-RK
Description  Water Restoration Contractor Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MO290-RK Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  MO290-RK Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
MO290-RK ....Water Restoration Contractor Kit
Specifications subject to change without notice.
Copyright © 2009 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/26/09 - R1
Kit includes:
Model MO290 Pinless Moisture Psychrometer + IR
- Monitor moisture in wood and building materials with
virtually no surface damage
- Included Pin Probe, Hammer Probe, Deep Wall Probe, and Base
Board Probe for contact moisture readings
- Patented InfraRed Thermometer with laser pointer for
non-contact surface temperature measurement
- Built-in RH/Temperature probe measures Relative Humidity,
Air Temperaure, plus Grains Per Pound (GPP), Dew Point (DP),
and Vapor Pressure
- Measurement Ranges:
Pinless Moisture: 0 to 99% (limited by wood type)
Pin-type Moisture: 6 to 40% (Wood); 13 to 99% (Materials)
Temperature (Air): -4 to 140°F (-20 to 60°C)
Temperature (IR): -5 to 392°F (-50 to 200°C)
Humidity: 0 to 99%RH
Vapor Pressure: 0 to 20.0kPA
Model RHT10/RHT10-SW Humidity/Temperature USB Datalogger
+ GPP (g/kg) Calculation
- Datalogs 16,000 RH and 16,000 Temperature readings
- User-programmable sampling rate and alarm thresholds
- USB interface for easy setup and data download using the
included software
Supplied in a rugged heavy duty hard carrying case that provides
protection and organization for the meters and accessories
whenever they are needed
A complete solution for the Restoration Contractor
Use combination moisture meter/thermal hygrometer to capture all ambient conditions as well as moisture levels
in one meter. Includes essential probes to measure moisture levels under baseboards, in between walls, and in hard
wood and plywood subfloors. Use USB Humidity/Temperature datalogger for GPP calculations
Water Restoration Contractor Kit
MO290-P
Moisture Pin Probe
MO290-HP
Moisture Hammer Probe
MO290-EP
Moisture Extension Probe
MO290-BP
Moisture Baseboard Probe
Moisture Probes included:


Similar Part No. - MO290-RK

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO290-RK-I5 EXTECH-MO290-RK-I5 Datasheet
314Kb / 1P
Water Restoration Contractor Kit
MO290-RK1 EXTECH-MO290-RK1 Datasheet
363Kb / 1P
Water Restoration Contractor Kit
MO290-RK1-I7 EXTECH-MO290-RK1-I7 Datasheet
378Kb / 1P
Water Restoration Contractor Kit
More results

Similar Description - MO290-RK

ManufacturerPart #DatasheetDescription
logo
Energizer
IN421 ENERGIZER-IN421 Datasheet
123Kb / 1P
Contractor Flashlight
K220 ENERGIZER-K220 Datasheet
98Kb / 1P
Contractor Flashlight
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089_05 Datasheet
179Kb / 9P
VIDEO AMPLIFIER WITH DC RESTORATION
logo
Panasonic Battery Group
LR20XWA PANASONICBATTERY-LR20XWA Datasheet
1Mb / 1P
Industrial Alkaline Contractor Packs
logo
Extech Instruments Corp...
MO280-RK EXTECH-MO280-RK Datasheet
332Kb / 1P
Restoration Contractor?셲 Kit
MO290-RK1 EXTECH-MO290-RK1 Datasheet
363Kb / 1P
Water Restoration Contractor Kit
MO290-RK1-I7 EXTECH-MO290-RK1-I7 Datasheet
378Kb / 1P
Water Restoration Contractor Kit
MO290-RK-I5 EXTECH-MO290-RK-I5 Datasheet
314Kb / 1P
Water Restoration Contractor Kit
logo
Assmann Electronics Inc...
AK-AV201-R ASSMANN-AK-AV201-R Datasheet
86Kb / 1P
CONTRACTOR RESISTACE : 2OHM
logo
Endress+Hauser Group Se...
CLY421 EH-CLY421 Datasheet
845Kb / 12P
Conductivity calibration kit for ultrapure water applications
2022-09-29
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com