Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO290-RK1 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # MO290-RK1
Description  Water Restoration Contractor Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MO290-RK1 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  MO290-RK1 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
MO290-RK1 ..Water Restoration Contractor Kit
Specifications subject to change without notice.
Copyright © 2009-2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/17/13 - R1
Kit includes:
Model IRC40 i5 Compact IR Camera
- Affordable InfraRed Camera with high quality image,
focus free viewing, and 5000 image miniSD card storage
- 80 x 80 pixel image resolution
- High 2% accuracy and 0.1°C thermal sensitivity
- 32 to 482°F (0 to 250°C) Temperature range
- Large 2.8" color LCD
- Focus free lens for convenient viewing
- Extremely lightweight (12 ounces) resulting in less user fatigue
Model MO290 Pinless Moisture Psychrometer + IR
- Monitor moisture in wood and building materials with
virtually no surface damage
- Included Pin Probe for contact moisture readings
- Patented InfraRed Thermometer with laser pointer for
non-contact surface temperature measurement
- Built-in RH/Temperature probe measures Relative Humidity,
Air temperature, plus Grains Per Pound (GPP), Dew Point (DP),
and Vapor Pressure
- Measurement Ranges:
Pinless Moisture: 0 to 99% (limited by wood type)
Pin-type Moisture: 6 to 40% (Wood); 13 to 99% (Materials)
Temperature (Air): -4 to 140°F (-20 to 60°C)
Temperature (IR): -5 to 392°F (-50 to 200°C)
Humidity: 0 to 99%RH
Vapor Pressure: 0 to 20.0kPA
A complete solution for the Restoration Contractor
Thermal imaging camera quickly locates areas of moisture in building materials. Use combination pinless
moisture meter/thermal hygrometer to capture all ambient conditions as well as moisture levels in one meter.
Water Restoration Contractor Kit
Compact (12oz) i5 Thermal
Camera with quality resolution,
stores 5000 JPEG images via
memory card (included). Detects
hidden problems fast!
Measure moisture of wall
material with non-invasive
Pinless technology.
Pin Moisture Probe included for
making contact moisture
measurements.
Supplied in a rugged heavy duty
hard carrying case that provides
protection and organization for
the meters and accessories
whenever they are needed.
QuickReportPC software for i5
Thermal Camera enables user to
analyze Temperature of all JPEG
images from miniSD
card
(included).


Similar Part No. - MO290-RK1

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO290-RK1-I7 EXTECH-MO290-RK1-I7 Datasheet
378Kb / 1P
Water Restoration Contractor Kit
More results

Similar Description - MO290-RK1

ManufacturerPart #DatasheetDescription
logo
Energizer
IN421 ENERGIZER-IN421 Datasheet
123Kb / 1P
Contractor Flashlight
K220 ENERGIZER-K220 Datasheet
98Kb / 1P
Contractor Flashlight
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089_05 Datasheet
179Kb / 9P
VIDEO AMPLIFIER WITH DC RESTORATION
logo
Panasonic Battery Group
LR20XWA PANASONICBATTERY-LR20XWA Datasheet
1Mb / 1P
Industrial Alkaline Contractor Packs
logo
Extech Instruments Corp...
MO280-RK EXTECH-MO280-RK Datasheet
332Kb / 1P
Restoration Contractor?셲 Kit
MO290-RK EXTECH-MO290-RK Datasheet
273Kb / 1P
Water Restoration Contractor Kit
MO290-RK1-I7 EXTECH-MO290-RK1-I7 Datasheet
378Kb / 1P
Water Restoration Contractor Kit
MO290-RK-I5 EXTECH-MO290-RK-I5 Datasheet
314Kb / 1P
Water Restoration Contractor Kit
logo
Assmann Electronics Inc...
AK-AV201-R ASSMANN-AK-AV201-R Datasheet
86Kb / 1P
CONTRACTOR RESISTACE : 2OHM
logo
Endress+Hauser Group Se...
CLY421 EH-CLY421 Datasheet
845Kb / 12P
Conductivity calibration kit for ultrapure water applications
2022-09-29
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com