Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9630 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9630
Description  Low Distortion 750 MHz Closed-Loop Buffer Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9630 Datasheet(HTML) 2 Page - Analog Devices

  AD9630 Datasheet HTML 1Page - Analog Devices AD9630 Datasheet HTML 2Page - Analog Devices AD9630 Datasheet HTML 3Page - Analog Devices AD9630 Datasheet HTML 4Page - Analog Devices AD9630 Datasheet HTML 5Page - Analog Devices AD9630 Datasheet HTML 6Page - Analog Devices AD9630 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
–2–
REV. B
AD9630–SPECIFICATIONS
Test
AD9630AN/AR
Parameter
Conditions
Temp
Level
Min
Typ
Max
Units
DC SPECIFICATIONS
Output Offset Voltage
+25
°CI
–8
±3+8
mV
Offset Voltage TC
Full
IV
–40
±8
+40
µV/°C
Input Bias Current
+25
°C
I
–25
±2
+25
µA
Bias Current TC
Full
IV
–100
±20
+100
nA/
°C
Input Resistance
+25 to TMAX
II
300
450
k
Ω
TMIN
VI
150
250
k
Ω
Input Capacitance
+25
°CV
1.0
pF
Gain
VOUT = 2 V p-p
+25 to TMAX
II
0.983
0.990
V/V
VOUT = 2 V p-p
TMIN
VI
0.980
0.985
V/V
Output Voltage Range
Full
VI
+3.2
±3.6
–3.2
V
Output Current (50
Ω Load)
+25 to TMAX
II
50
mA
TMIN
VI
40
mA
Output Impedance
At DC
+25
°CV
0.6
Ω
PSRR
∆V
S = ± 5%
Full
VI
44
55
dB
DC Nonlinearity
±2 V Full Scale
+25
°C
V
0.03
%
FREQUENCY DOMAIN
Bandwidth (–3 dB)
Small Signal
VO ≤ 0.7 V p-p
TMIN to +25
II
400
750
MHz
VO ≤ 0.7 V p-p
TMAX
II
330
550
MHz
Large Signal
VO = 5 V p-p
TMIN to +25
V
120
MHz
VO = 5 V p-p
TMAX
V
105
MHz
Output Peaking
≤200 MHz
Full
II
0.4
1.2
dB
Output Rolloff
≤200 MHz
Full
II
0
0.3
dB
Group Delay
DC to 150 MHz
+25
°CV
0.7
ns
Linear Phase Deviation
DC to 150 MHz
+25
°C
V
0.7
Degrees
2nd Harmonic Distortion
2 V p-p; 4.3 MHz
Full
IV
–80
–73
dBc
2 V p-p; 20 MHz
Full
IV
–66
–58
dBc
2 V p-p; 50 MHz
Full
II
–52
–43
dBc
3rd Harmonic Distortion
2 V p-p; 4.3 MHz
Full
IV
–86
–79
dBc
2 V p-p; 20 MHz
Full
IV
–75
–68
dBc
2 V p-p; 50 MHz
TMIN to +25
II
–47
–41
dBc
2 V p-p; 50 MHz
TMAX
II
–46
–40
dBc
Spectral Input Noise Voltage
10 MHz
+25
°C
V
2.4
nV/
√Hz
Integrated Output Noise
100 kHz – 200 MHz
+25
°CV
32
µV
TIME DOMAIN
Slew Rate
VOUT = 5 V Step
+25
°C
IV
700
1200
V/
µs
Rise/Fall Time
VOUT = 1 V Step
+25
°CIV
1.1
1.7
ns
VOUT = 1 V Step
TMIN to TMAX
IV
1.3
1.9
ns
VOUT = 5 V Step
+25
°CIV
4.2
5.7
ns
VOUT = 5 V Step
TMIN to TMAX
IV
5.0
6.5
ns
Overshoot Amplitude
VOUT = 2 V Step
Full
IV
2
12
%
Settling Time
To 0.1%
VOUT = 2 V Step
TMIN to +25
IV
6
10
ns
VOUT = 2 V Step
TMAX
IV
7
12
ns
To 0.02%
4
VOUT = 2 V Step
TMIN to +25
IV
8
ns
VOUT = 2 V Step
TMAX
V12
ns
Differential Gain
4.4 MHz
+25
°C
V
0.015
%
Differential Phase
4.4 MHz
+25
°C
V
0.025
Degree
SUPPLY CURRENTS
VCC (+IS)VCC = +5 V
Full
II
19
26
mA
VEE (–IS)VEE = –5 V
Full
II
19
26
mA
NOTES
1Short-term settling with 50
Ω source impedance.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS (unless otherwise noted, V
S =
5 V; RIN = 50
, RLOAD = 100
)
OBSOLETE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com