Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K170 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # K170
Description  Low EMI Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

K170 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  K170 Datasheet HTML 1Page - Integrated Circuit Systems K170 Datasheet HTML 2Page - Integrated Circuit Systems K170 Datasheet HTML 3Page - Integrated Circuit Systems K170 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK1704A
Low EMI Clock Generator
MDS 1704A B
2
Revision 062599
Printed 11/15/00
MicroClock Division of ICS • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
Pin #
Name
Type Description
1
ICLK
I
Connect to a clock input as shown in the table above.
2
VDD
P
Connect to +3.3V or +5V.
3
GND
P
Connect to ground.
4
CLK
O
Clock Output; equal to input frequency.
5
LEE
I
Low EMI Enable. Turns on the spread spectrum when high. Internal pull-up.
6
S1
I
Frequency Select 1 Input. Selects input/output clock range per table above. Internal pull-up.
7
S0
I
Frequency Select 0 Input. Selects input/output clock range per table above. Internal pull-up.
8
DC
-
Don't Connect. Do not connect anything to this pin.
Pin Descriptions
Key: I = Input, O = output, P = power supply connection
Pin Assignment
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of
0.01µF should be connected between VDD and GND on pins 2 and 3, and a 33
Ω terminating resistor
may be used on the clock output if the trace is longer than 1 inch. The MK1704A is designed for use with a
clock input only. For a crystal input, use the MK1704S or the MK1714-01R.
1
8
2
3
4
7
6
5
ICLK
S0
GND
DC
VDD
LEE
8 pin SOIC
CLK
S1
Clock Output Select Table (in MHz)
*Note: Use only MK1704A with date code of 9909 or later.
Input
Freq. spread
S1
S0
Min
Nom
Max Multiplier
Mode
vs. CLK
0
0
60
135
140
x1
*
+0.5, -1.5%
0
1
60
80
120
x1
*
+0.5, -1.5%
1
0
30
40
60
x1
SVGA
Down 2.5%
1
1
40
65
100
x1
XGA
+0.5, -1.5%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com