Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2011STR Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK2011STR
Description  Fast Ethernet Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2011STR Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK2011STR Datasheet HTML 1Page - Integrated Circuit Systems MK2011STR Datasheet HTML 2Page - Integrated Circuit Systems MK2011STR Datasheet HTML 3Page - Integrated Circuit Systems MK2011STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK2011
Fast Ethernet Clock Source
MDS 2011 B
3
Revision 120597
Printed 11/15/00
MicroClock Division of ICS•1271 Parkmoor Ave.•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure
to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Typical values are at 25°C.
Electrical Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+.5V
V
Clock Outputs
Referenced to GND
-0.5
VDD+.5V
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 20 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (at 5.0V unless otherwise noted)
DC CHARACTERISTICS (at 5.0V unless otherwise noted)
DC CHARACTERISTICS (at 5.0V unless otherwise noted)
Operating Voltage, VDD
4.5
5.5
V
Input High Voltage, VIH, input clock only
Clock input
3.5
2.5
V
Input Low Voltage, VIL, input clock only
Clock input
2.5
1.5
V
Output High Voltage, VOH
IOH=-4mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Operating Supply Current, IDD, 5V
No Load
19
mA
Operating Supply Current, IDD, 3.3V
No Load
10
mA
Input Capacitance
7
pF
Actual Mean Frequency versus Target
With exact crystal
0
ppm
AC CHARACTERISTICS
Input Clock or Crystal Frequency
20.0000
MHz
Input Crystal Accuracy
50
ppm
Input Clock Duty Cycle, 20.000MHz
Time above 2.5V
20
80
%
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
Time above 1.5V
45
50
55
%
Absolute Clock Period Jitter, 20 MHz output
-400
250
400
ps
Absolute Clock Period Jitter, 50, 25 MHz clocks
-300
150
300
ps
One Sigma Clock Period Jitter
All outputs
70
ps



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com