Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB2S Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # AB2S
Description  SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

AB2S Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  AB2S Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . AB2S Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ta=40 C
- on glass-epoxy P.C.B. (Note 1)
- on aluminum substrate (Note 2)
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 0.4A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
AB1S
AB2S
AB3S
AB4S
AB5S
AB6S
AB7S UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
0.5
0.8
30
5.0
500
75
-55
+150
-55
+150
V
A
A
A
V
C
C
C/W
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: Symbol molded on body
* Mounting position: Any
AB1S THRU AB7S
1.0
.181(4.6)
.028(0.7)
.057(1.45)
.275(7.0)
MAX.
.008(0.2)
MAX.
.106(2.7)
.193(4.9)
.031(0.8)
.165(4.2)
.024(0.6)
.049(1.25)
.090(2.3)
.177(4.5)
.023(0.6)
+
~
~
ABS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
0.8 Ampere
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
.065(1.65)
MAX.
.010(.25)
.006(.15)
Typical Thermal Resistance R JA (Note 3)
NOTES: 1. On glass-epoxy P.C.B. mounted on 0.05 X 0.05"(1.27 X 1.27mm) soldering pads.
2. On aluminum substrate P.C.B. with an area of 0.8 X 0.8 X 0.25" (20 X 20 X 6.4mm) mounted on 0.05 X 0.05"(1.27 X 1.27mm)
soldering pads.
3. Thermal Resistance Junction to Ambient.
A
A
236


Similar Part No. - AB2S

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
AB2S CITC-AB2S Datasheet
574Kb / 4P
Single Phase 0.5AMP Surface Mount Glass Passivated Bridge Rectifiers
More results

Similar Description - AB2S

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
MD1S UNIOHM-MD1S Datasheet
66Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MD1S SECOS-MD1S Datasheet
144Kb / 2P
0.8 AMP Single Phase Surface Mount Bridge Rectifiers
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2_11 Datasheet
150Kb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
MB4F WILLAS-MB4F Datasheet
517Kb / 3P
0.8 AMP SURFACE MOUNT SI- BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
AD1S GWSEMI-AD1S Datasheet
67Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
MD1S GWSEMI-MD1S Datasheet
68Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MD1S SECOS-MD1S_15 Datasheet
241Kb / 2P
0.8 Amp Surface Mount Bridge Rectifiers
logo
Thinki Semiconductor Co...
MB05S THINKISEMI-MB05S Datasheet
387Kb / 2P
0.8 Amp Surface Mount Single Phase Bridge Rectifiers
logo
Jinan Jing Heng Electro...
MB10F JINGHENG-MB10F Datasheet
1Mb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
LX005M DGNJDZ-LX005M Datasheet
825Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com