Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF16 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # RF16
Description  Portable Refractometers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RF16 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  RF16 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2009 -2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
7/25/13 - R1
Measure the concentration of Sugar, Salt, Lubricants,
Antifreeze, Cutting Fluids & more
Available with or without Automatic Temperature Compensation
Portable Refractometers
Features:
• Easy to operate refractometers provide accurate and
repeatable measurements on easy to read scales
• Automatic temperature compensation models available
for sugar, salt, lubricants, cutting fluids, and antifreeze
• Requires only 2 or 3 drops of solution
• The prism and lens with a simple focus adjustment
provides repeatable results
• Complete with case, calibration screwdriver, and
calibration solution
Specifications
Model
Type
Ranges
Resolution
Accuracy
RF16
Sucrose
0 to 10% Brix
0.1
±0.1%
RF11
Sucrose (ATC)
0 to 10% (10 to 30°C)
0.1
±0.1%
RF18
Lubricants/Cutting fluids
0 to 18% Brix
0.2
±0.2%
RF12
Lubricants/Cutting fluids (ATC)
0 to 18% Brix (10 to 30°C)
0.2
±0.2%
RF10
Sucrose
0 to 32% Brix
0.2
±0.2%
RF15
Sucrose (ATC)
0 to 32% Brix (10 to 30°C)
0.2
±0.2%
RF20
Salt (ATC)
0 to 100ppt (10 to 30°C)
0.001
±0.1‰
1.000 to 1.070 Refractive Index
RF40
Coolant (ATC)
-60 to 32°F Propylene Glycol freeze point
2°F
±2%
-60 to 25°F Ethylene Glycol freeze point
2°F
±2%
1.15 to 1.30 Specific Gravity of Battery Acid
0.01
RF41
Coolant (ATC)
-50 to 0°C Propylene Glycol freeze point
1°C
±2%
-50 to 0°C Ethylene Glycol freeze point
1°C
±2%
1.15 to 1.30 Specific Gravity of Battery Acid
0.01
RF30
Triple Range
0 to 41% Brix
0.2
±0.2%
General Service
42 to 71% Brix
0.2
±0.2%
72 to 90% Brix
0.2
±0.2%
Dimensions/Wt
RF10/RF15: 6.6 x 1.6 x 1.2" (170 x 40 x 30mm)/ 7oz (200g);
RF11/RF16: 7.5 x 1.6 x 1.2" (190 x 40 x 30mm)/ 6.5oz (185g);
RF12/RF18: 6.7 x 1.6 x 1.2" (170 x 40 x 30mm)/ 6.5oz (185g);
RF20: 7.6 x 1.5 x 1.5" (194 x 38 x 38mm)/ 8oz (227g);
RF40/RF41: 6.2 x 1.6 x 1.2" (160 x 40 x 30mm)/ 6.3oz (180g)
RF30: 7.9 x 1.5 x 1.1” (200 x 38 x 28mm)/ 21.86oz (620g)
RF18, RF20
RF10, RF16
RF15, RF40, RF11, RF12
RF10, 15 - Scale view through eyepiece
RF40 - Scale view through eyepiece
Ordering Information:
RF16 ......0 to 10% Brix Refractometer
RF11 ......0 to 10% Brix Refractometer with ATC
RF18 ......0 to 18% Brix Refractometer
RF12 ......0 to 18% Brix Refractometer with ATC
RF10 ......0 to 32% Brix Refractometer
RF15 ......0 to 32% Brix Refractometer with ATC
RF20 ......Salinity Refractometer with ATC
RF40 ......Battery Coolant/Glycol Refractometer with ATC (°F)
RF41 ......Battery Coolant/Glycol Refractometer with ATC (°C)
RF30 ......Triple Range General Service Brix Refractometer
RF30


Similar Part No. - RF16

ManufacturerPart #DatasheetDescription
logo
Rohm
RF1601NS2D ROHM-RF1601NS2D Datasheet
669Kb / 8P
Super Fast Recovery Diode
RF1601NS2DFH ROHM-RF1601NS2DFH Datasheet
951Kb / 7P
Super Fast Recovery Diode
RF1601T2D ROHM-RF1601T2D Datasheet
47Kb / 3P
Fast recovery Diodes (Silicon Epitaxial Planar)
RF1601T2D ROHM-RF1601T2D Datasheet
138Kb / 4P
Fast recovery diodes
RF1601T2D ROHM-RF1601T2D Datasheet
302Kb / 4P
Fast recovery diodes
More results

Similar Description - RF16

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF10 EXTECH-RF10 Datasheet
55Kb / 1P
Brix Refractometers
RF10 EXTECH-RF10_15 Datasheet
291Kb / 1P
Portable Refractometers
RF11 EXTECH-RF11 Datasheet
291Kb / 1P
Portable Refractometers
RF12 EXTECH-RF12_15 Datasheet
291Kb / 1P
Portable Refractometers
RF18 EXTECH-RF18_15 Datasheet
291Kb / 1P
Portable Refractometers
RF20 EXTECH-RF20_15 Datasheet
291Kb / 1P
Portable Refractometers
RF40 EXTECH-RF40_15 Datasheet
291Kb / 1P
Portable Refractometers
RF41 EXTECH-RF41 Datasheet
291Kb / 1P
Portable Refractometers
logo
Analog Intergrations Co...
AN002 AIC-AN002 Datasheet
91Kb / 5P
Portable Applications
logo
Microchip Technology
MCP6V81 MICROCHIP-MCP6V81 Datasheet
2Mb / 48P
Portable Instrumentation
01/27/15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com