Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL741 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # TL741
Description  Industrial Test Lead Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TL741 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  TL741 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2009-2014 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/16/14 - R1
TL833 Industrial Test Lead Set
11-piece kit with CAT III-1000V rating
• TL726 Double Molded Silicone Test Leads; CE
• TL740 Industrial Plunger Style Test Clips; CE
• TL741 Heavy Duty Plunger Style Hook Clip Set; CE
• TL708 Large Alligator Clip Set
• TL743 Slim Reach Test Probe Set; CE
• Type K Bead Probe with Banana Adaptor
• Conveniently stored in a pouch case
TL841 Test Lead Kit
16-piece kit with multiple test lead tip configuration
• Test Lead Set with Straight Probes, 0.16" (4mm) long
tips with removable category control tip covers;
CAT III-1000V, 16A
• Alligator Clip Set, 5A, CAT III-300V
• TL743 Slim Reach Test Probe Set; CE
• Spade Lugs, 0.16" (4mm) opening, 30VAC/60VDC, 5A
• Test Leads, Right Angle and Straight End, CAT III-1000V, 16A
• Test Leads with Hook Tip, Pincer Tip, and Couplers
• Conveniently stored in a pouch case
TL742 Heavy Duty
Plunger Style Pincer Grip Set
Insulated, flexible silicone shaft with good heat resistance
• 1000V, 4A
• 0.2" (5mm) jaw opening
• 6" (152mm) overall length
• CAT IV-600V; CAT III-1000V
TL741 Heavy Duty Plunger
Style Hook Clips
Spring loaded clip for gripping component lead or wire
• 1000V, 10A
• 0.08" (2mm) gripping diameter
• 5.5" (140mm) overall length
• CAT III-1000V/3A max; CAT III-1000V
TL831Master Electrical Test
Lead Kit
12-piece kit industrial grade test leads
• TL726 Double Molded Silicone Test Leads; CE
• TL747 Electronic Sharp Test Probe Set
• TL741 Heavy Duty Plunger Style Hook Clip Set; CE
• TL742 Heavy Duty Plunger Style Pincer Grip Set
• TL740 Industrial Plunger Style Test Clips; CE
• TL709 Medium Alligator Clip Set; CE
• Conveniently stored in a pouch case
TL743 Slim Reach
Test Probe Set
Sharp point for piercing insulation
• 1000V, 16A
• 0.16" (4mm) tip and sharp 0.08" (2mm) diameter with
removable category control tip covers
• 4.5" (115mm) overall length
• CAT IV-600V/10A max; CAT III-1000V
• Includes protective cap
TL726 Double Molded Silicone
Test Lead Set
Right angle and straight end flexible leads with shrouded
banana plugs
• 63" (1.6m) long
• Protective collar and insulated sleeve
• 1000V, 10A
• CAT IV-600V; CAT III-1000V
Alligator Clip Sets
Toothed jaws for solid gripping of fine wires
• TL708 Heavy Duty Large Alligator Clips — 1000V, 6A,
CAT IV-600V; CAT III-1000V; 1" (26mm) jaw length;
1.6"(40mm) jaw opening; 4.2" (107mm) overall length
• TL709 Medium Alligator Clips — 1000V, 10A, CAT III-
1000V; 1.4" (37mm) jaw length; 0.8" (20mm) opening;
3.9" (98mm) overall length
TL740 Industrial Plunger Style
Test Clip Set
Spring loaded clip with steel jaws
• 1000V, 10A
• 0.6" (15mm) jaw opening
• 6.1" (155mm) overall length
• CAT III-1000V
TL708
TL709
Hook Tip
TL744 Flat Blade Test
Probe Set
Designed to fit outlet receptacles
• 1000V, 10A
• 0.16" (4mm) long x 0.1" (2.5mm) flat tip with removable
category control tip covers; 4.9" (124mm) overall length
• CAT IV-600V; CAT III-1000V
TL747 Electronic Sharp
Test Probe Set
CAT III-1000V; For use on high density components and
boards and for piercing insulation
• 1000V, 6A max
• 0.16" (4mm) long tip with sharp 0.08" (2mm) diameter
• 4" (102mm) overall length
TL748 Spring Loaded Hook
Tip Probes
Ideal for gripping a component lead or fine wire
• 1000V, 5A max
• 0.04" (1mm) gripping diameter
• 4.7" (120mm) overall length
• CAT IV-600V; CAT III-1000V
Pincer Tip
Hook Clip


Similar Part No. - TL741

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TL741 EXTECH-TL741 Datasheet
250Kb / 1P
Industrial Test Lead Set
More results

Similar Description - TL741

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5309A POMONA-5309A Datasheet
110Kb / 1P
Replacement DMM Test Lead Set For Industrial Use
73087 POMONA-73087 Datasheet
109Kb / 2P
Jumper Test Lead Set
logo
Extech Instruments Corp...
TL709 EXTECH-TL709 Datasheet
250Kb / 1P
Industrial Test Lead Set
TL743 EXTECH-TL743 Datasheet
250Kb / 1P
Industrial Test Lead Set
TL744 EXTECH-TL744 Datasheet
250Kb / 1P
Industrial Test Lead Set
TL747 EXTECH-TL747 Datasheet
250Kb / 1P
Industrial Test Lead Set
TL748 EXTECH-TL748 Datasheet
250Kb / 1P
Industrial Test Lead Set
TL831 EXTECH-TL831 Datasheet
250Kb / 1P
Industrial Test Lead Set
TL833 EXTECH-TL833 Datasheet
250Kb / 1P
Industrial Test Lead Set
logo
NTE Electronics
72-065 NTE-72-065 Datasheet
417Kb / 4P
OEM Style Test Lead Set
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com