Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005S_10S Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # DF005S_10S
Description  High current capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

DF005S_10S Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  DF005S_10S Datasheet HTML 1Page - Bruckewell Technology LTD DF005S_10S Datasheet HTML 2Page - Bruckewell Technology LTD DF005S_10S Datasheet HTML 3Page - Bruckewell Technology LTD DF005S_10S Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DF005S_10S
PRV : 50 - 1000 Volts
Io : 1.5 Amperes
Publication Order Number: [DF005S_10S]
© Bruckewell Technology Corporation Rev. A -2014
Rating at 25 °C ambient temperature unless otherwise specifie.
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
Rating
Symbol
GROA
GROB
GROD
GROG
GROJ
GROK
GROM
Unit
Maximum Peak Forward Surge
Current Single half sine wave
Superimposed on rated load
(JEDEC Method)
IFSM
50
A
Current Squared Time at t < 8.3 ms
I
2t
10
A
2S
Maximum DC Reverse Current
Ta = 25°C
IR
10
μA
at Rated DC Blocking Voltage
Ta = 100°C
IR(H)
500
μA
Typical Junction capacitance
(Note 1)
CJ
25
pF
Typical Thermal Resistance
(Note 2)
RθJA
40
°C/W
Junction and storage temperature
range
TJ,TSTG
-55 to +150
°C
NOTE:
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
(2) Thermal Resistance from Junction to Ambient on P.C.B. with 0.5" x 0.5" (13mm x 13mm) Copper Pads.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com