Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3721 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK3721
Description  Low Cost 3.3 Volt VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3721 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK3721 Datasheet HTML 1Page - Integrated Circuit Systems MK3721 Datasheet HTML 2Page - Integrated Circuit Systems MK3721 Datasheet HTML 3Page - Integrated Circuit Systems MK3721 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK3721
Low Cost 3.3 Volt VCXO
MDS 3721 B
2
Revision 082800
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA • 95126• (408)295-9800tel • www.icst.com
I C R O
C LOC K
Pin Descriptions
Pin Assignment
Number
Name
Description
1
X1
Crystal connection. Connect to a pullable 16.2 - 28 MHz crystal.
2
VDD
VDD. Connect to + 3.3 V.
3
VIN
Voltage input to VCXO. Zero to 3.3 V analog input which controls the frequency of the VCXO.
4
GND
Connect to ground.
5
DC
Don't Connect anything to this pin.
6
REFOUT VCXO CMOS level clock output matches the nominal frequency of the crystal.
7
DC
Don't Connect anything to this pin.
8
X2
Crystal connection. Connect to a pullable 16.2 - 28 MHz crystal.
8 pin (150 mil) SOIC
MK3721
1
8
2
3
4
7
6
5
X2
X1
GND
VDD
DC
VIN
DC
REFOUT (VCXO)
Crystal Specifications
Correlation (load) capacitance
14 pF
Initial accuracy
±20 ppm maximum
Drift over temperature and aging
±50 ppm maximum
C0/C1 ratio
240 maximum
ESR
35
Ω maximum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com