Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2017 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2017
Description  Self-Contained Audio Preamplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2017 Datasheet(HTML) 2 Page - Analog Devices

  SSM2017_15 Datasheet HTML 1Page - Analog Devices SSM2017_15 Datasheet HTML 2Page - Analog Devices SSM2017_15 Datasheet HTML 3Page - Analog Devices SSM2017_15 Datasheet HTML 4Page - Analog Devices SSM2017_15 Datasheet HTML 5Page - Analog Devices SSM2017_15 Datasheet HTML 6Page - Analog Devices SSM2017_15 Datasheet HTML 7Page - Analog Devices SSM2017_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSM2017–SPECIFICATIONS
(VS =
15 V and –40 C
≤ T
A
≤ +85 C, unless otherwise noted. Typical speci-
fications apply at TA = +25 C.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
DISTORTION PERFORMANCE
TA = +25°C
VO = 7 V rms
RL = 5 kΩ
Total Harmonic Distortion Plus Noise
THD+N
G = 1000, f = 1 kHz
0.012
%
G = 100, f = 1 kHz
0.005
%
G = 10, f = 1 kHz
0.004
%
G = 1, f = 1 kHz
0.008
%
NOISE PERFORMANCE
Input Referred Voltage Noise Density
en
f = 1 kHz, G = 1000
0.95
nV/
√Hz
f = 1 kHz; G = 100
1.95
nV/
√Hz
f = 1 kHz; G = 10
11.83
nV/
√Hz
f = 1 kHz; G = 1
107.14
nV/
√Hz
Input Current Noise Density
in
f = 1 kHz, G = 1000
2
pA/
√Hz
DYNAMIC RESPONSE
Slew Rate
SR
G = 10
10
17
V/
µs
RL = 4.7 kΩ
CL = 50 pF
TA = +25°C
Small Signal Bandwidth
BW–3 dB
G = 1000
200
kHz
G = 100
1000
kHz
G = 10
2000
kHz
G = 1
4000
kHz
INPUT
Input Offset Voltage
VIOS
0.1
1.2
mV
Input Bias Current
IB
VCM = 0 V
6
25
µA
Input Offset Current
Ios
VCM = 0 V
±0.002 ±2.5
µA
Common-Mode Rejection
CMR
VCM = ± 8 V
G = 1000
80
112
dB
G = 100
60
92
dB
G = 10
40
74
dB
G = 1, TA = +25°C26
54
dB
G = 1, TA = – 40°C to +85°C20
54
dB
Power Supply Rejection
PSR
VS = ± 6 V to ± 18 V
G = 1000
80
124
dB
G = 100
60
118
dB
G = 10
40
101
dB
G = 1
26
82
dB
Input Voltage Range
IVR
±8V
Input Resistance
RIN
Differential, G = 1000
1
M
Ω
G = 1
30
M
Ω
Common Mode, G = 1000
5.3
M
Ω
G = 1
7.1
M
Ω
OUTPUT
Output Voltage Swing
VO
RL = 2 kΩ; TA = +25°C
±11.0
±12.3
V
Output Offset Voltage
VOOS
–40
500
mV
Minimum Resistive Load Drive
TA = +25°C2
k
Ω
TA = –40°C to +85°C
4.7
k
Ω
Maximum Capacitive Load Drive
50
pF
Short Circuit Current Limit
ISC
Output-to-Ground Short
±50
mA
Output Short Circuit Duration
10
sec
GAIN
Gain Accuracy
RG =
10 k
Ω
TA = +25°C
G – 1
RG = 10 Ω, G = 1000
0.25
1
dB
RG = 101 Ω, G = 100
0.20
1
dB
RG = 1.1 kΩ, G = 10
0.20
1
dB
RG =
, G = 1
0.05
0.5
dB
Maximum Gain
G
70
dB
REFERENCE INPUT
Input Resistance
10
k
Ω
Voltage Range
±8V
Gain to Output
1
V/V
POWER SUPPLY
Supply Voltage Range
VS
±6
±22
V
Supply Current
ISY
VCM = 0 V, RL =
±10.6
±14.0
mA
Specifications subject to change without notice.
REV. B
–2–
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com