Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK712RI Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # MK712RI
Description  Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712RI Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button MK712RI Datasheet HTML 2Page - Integrated Circuit Systems MK712RI Datasheet HTML 3Page - Integrated Circuit Systems MK712RI Datasheet HTML 4Page - Integrated Circuit Systems MK712RI Datasheet HTML 5Page - Integrated Circuit Systems MK712RI Datasheet HTML 6Page - Integrated Circuit Systems MK712RI Datasheet HTML 7Page - Integrated Circuit Systems MK712RI Datasheet HTML 8Page - Integrated Circuit Systems MK712RI Datasheet HTML 9Page - Integrated Circuit Systems MK712RI Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MK712
Touch Screen Controller
MDS 712 I
6
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
Recommended Circuit
YH
INT
XH
XL
TOUCH
YL
GND
CS
RD
GND
D0 - D7
VDD
A0 - A2
CLKIN
VDD
VDD
GND
From
Microprocessor
14.318 MHz
To Power Management
To Interrupt Controller
X HIGH
X LOW
Y HIGH
Y LOW
To
Touch
Screen
0.1µF
0.1µF
22µF
+3.3V or +5V
WR
0.1µF
0.1µF
0.01µF 0.01µF
Pen Bounce
When the screen is untouched, the Y plate is driven high and the X plate is driven low. When the screen is
touched, the X plate is pulled high, which is detected by the MK712. This initiates a conversion (as long as
periodic conversions are enabled). Some de-bounce is provided by the time constant of the screen
decoupling capacitors combined with the screen resistance. However, once conversions have started, pen
bounce will not be detected until after both the X and Y points have been taken.
If the pen is lifted during a conversion, this will also not be detected until the conversion is complete. This is
typically indicated by a point with the correct Y coordinates, but minimum (for that screen) X coordinates.
Screen Decoupling
The component values suggested should give excellent results. However, for screens with a high
resistance operating at a high conversion rate, extra interrupts may be issued. This is because the time
constant of the screen decoupling capacitors and screen resistance is high, resulting in the screen
appearing to be untouched and then touched between conversions. These extra interrupts can be
eliminated by reducing the size of the screen decoupling capacitors on pins XH, XL, YH, and YL.
This will, however, slightly reduce the noise rejection, which could decrease the accuracy of the
conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com