Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK74CB44 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # MK74CB44
Description  Quad 1 to 4 Buffalo??Clock Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK74CB44 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  MK74CB44 Datasheet HTML 1Page - Integrated Circuit Systems MK74CB44 Datasheet HTML 2Page - Integrated Circuit Systems MK74CB44 Datasheet HTML 3Page - Integrated Circuit Systems MK74CB44 Datasheet HTML 4Page - Integrated Circuit Systems MK74CB44 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MK74CB44
Quad 1 to 4 Buffalo™ Clock Driver
MDS 74CB44 B
5
Revision 022000
Printed 11/17/00
Integrated Circuit Systems, Inc. • 525 Race St. • San Jose • CA • 95126 • (408)295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, ICS Incorporated assumes no responsibility for either its use or for the infringement of
any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal
commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS
product for use in life support devices or critical medical instruments.
Buffalo is a trademark of ICS Incorporated
Part/Order Number
Marking
Package
Temperature
MK74CB44R
MK74CB44R
28 pin SSOP
0-70°C
MK74CB44RTR
MK74CB44R
Add Tape & Reel
0-70°C
28 pin SSOP
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.102
0.254
b
0.008
0.012
0.203
0.305
c
0.007
0.010
0.191
0.254
D
0.386
0.394
9.804
10.008
e
.025 BSC
.025 BSC
0.635 BSC
0.635 BSC
E
0.228
0.244
5.791
6.198
E1
0.150
0.157
3.810
3.988
L
0.016
0.050
0.406
1.270
b
D
E1
E
e
A1
c
A
L
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com