Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8520DYT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8520DYT
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8520DYT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8520DYT Datasheet HTML 1Page - Integrated Circuit Systems ICS8520DYT Datasheet HTML 2Page - Integrated Circuit Systems ICS8520DYT Datasheet HTML 3Page - Integrated Circuit Systems ICS8520DYT Datasheet HTML 4Page - Integrated Circuit Systems ICS8520DYT Datasheet HTML 5Page - Integrated Circuit Systems ICS8520DYT Datasheet HTML 6Page - Integrated Circuit Systems ICS8520DYT Datasheet HTML 7Page - Integrated Circuit Systems ICS8520DYT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS8520DY
www.icst.com/products/hiperclocks.html
REV. B JULY 5, 2001
4
PRELIMINARY
Integrated
Circuit
Systems, Inc.
ICS8520
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VCC = 3.3V±5%, VCCO = 1.8V±0.2V, TA = 0°C TO 70°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCCx
4.6V
Inputs, VI
-0.5V to VCC+0.5 V
Outputs, VO
-0.5V to VCC+0.5V
Package Thermal Impedance,
θJA 46°C/W (no air flow)
Storage Temperature, TSTG
-65°C to 150°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the
DC
Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect product reliability.
TABLE 4B. DIFFERENTIAL DC CHARACTERISTICS, VCC = 3.3V±5%, VCCO = 1.8V±0.2V, TA = 0°C TO 70°C
TABLE 4C. LVHSTL DC CHARACTERISTICS, VCC = 3.3V±5%, VCCO = 1.8V±0.2V, TA = 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
C
Ve
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
5
3
1
.
33
.
35
6
4
.
3V
O
C
C
Ve
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
6
.
18
.
10
.
2V
E
E
It
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
2
1A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
It
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IK
L
CV
5
6
4
.
3
=
C
C
V
=
N
I
V0
5
1A
µ
K
L
C
nV
5
6
4
.
3
=
C
C
V
=
N
I
V1
A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
IK
L
CV
5
6
4
.
3
=
C
C
V
,
V
0
=
N
I
V1
-A
µ
K
L
C
nV
5
6
4
.
3
=
C
C
V
,
V
0
=
N
I
V0
5
1
-A
µ
P
P
Ve
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P5
1
.
03
.
1V
R
M
C
V
;
e
g
n
a
R
e
g
a
t
l
o
V
e
d
o
M
n
o
m
m
o
C
2
,
1
E
T
O
N
5
.
0
+
E
E
V5
8
.
0
-
C
C
VV
.
H
I
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
1
E
T
O
N
.
V
3
.
0
+
C
C
V
s
i
K
L
C
n
,
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
2
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
O
V
t
u
p
t
u
O
;
e
g
a
t
l
o
V
h
g
i
H
1
E
T
O
N
0
.
12
.
1V
L
O
V
t
u
p
t
u
O
;
e
g
a
t
l
o
V
w
o
L
1
E
T
O
N
04
.
0V
X
O
V
t
u
p
t
u
O
e
g
a
t
l
o
V
r
e
v
o
s
s
o
r
C
L
O
V
+
)
L
O
V
-
H
O
V
(
x
%
0
4L
O
V
+
)
L
O
V
-
H
O
V
(
x
%
0
6V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
.
d
n
u
o
r
g
o
t



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com