Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB508 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # MB508
Description  SINGLE PHASE 50 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

MB508 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  MB508 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . MB508 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 50 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=55 C
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 25AD.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
MB5005
MB501
MB502
MB504
MB506
MB508 MB5010
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
50
450
10
500
-65
+150
-65
+150
V
A
A
V
* 450 amperes surge capability
* Superior thermal design
* Mounting: Hole thru for #8 screw
* 1/4" universal faston terminal
MB5005 THRU MB5010
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
50.0 Amperes
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
Dimensions in inches and (millimeters)
.673(17.1)
.633(16.1)
.480(12.2)
.425(10.8)
.732(18.6)
.692(17.6)
1.181(30.0)
1.102(28.0)
1.181(30.0)
1.102(28.0)
HOLE FOR
NO. 8 SCREW
.452
(11.5)
.582(14.8)
.543(13.8)
.673(17.1)
.633(16.1)
MAX.
.033X.250
(0.8X6.4)
+
AC
AC
MB
A
A
340


Similar Part No. - MB508

ManufacturerPart #DatasheetDescription
logo
Dc Components
MB508 DCCOM-MB508 Datasheet
469Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB508 MCC-MB508 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
fujitsu semiconductor
MB508 FUJITSU-MB508 Datasheet
93Kb / 8P
2.3GHz TWO MODULUS PRESCALER
logo
TAITRON Components Inco...
MB508 TAITRON-MB508 Datasheet
144Kb / 4P
50A Single-Phase Bridge Rectifier
logo
SHENZHEN YONGERJIA INDU...
MB508 WINNERJOIN-MB508 Datasheet
122Kb / 1P
SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - MB508

ManufacturerPart #DatasheetDescription
logo
Bytes
BR305 BYTES-BR305 Datasheet
145Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
BR805 BYTES-BR805 Datasheet
145Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
RS201 BYTES-RS201 Datasheet
144Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR1005 FORMOSA-BR1005 Datasheet
29Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
MB1505 FORMOSA-MB1505 Datasheet
41Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
W005M FORMOSA-W005M Datasheet
29Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC50005 DGNJDZ-KBPC50005 Datasheet
134Kb / 2P
SINGLE PHASE 50 AMP BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR805 NJSEMI-BR805 Datasheet
48Kb / 1P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBU6005 BYTESONIC-GBU6005 Datasheet
525Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
2016/12/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com