Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP158 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # MP158
Description  SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

MP158 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  MP158 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . MP158 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=55 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 7.5AD.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
MP1505
MP151
MP152
MP154
MP156
MP158
MP1510
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
15
300
10
500
-65
+150
-65
+150
V
A
A
V
MP1505 THRU MP1510
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
15.0 Amperes
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
A
A
FEATURES
* 300 amperes surge capability
* Superior thermal design
* Mounting: Hole thru for #8 screw
* Case: Epoxy case with Heat Sink internally
Mounted in the Bridge encapsulation
MP
Dimensions in inches and (millimeters)
.661(16.8)
.648(16.4)
.661(16.8)
.648(16.4)
.925(23.5)
.886(22.5)
.442(11.2)
.424(10.8)
.732(18.6)
.692(17.6)
1.133(28.8)
1.114(28.3)
1.133(28.8)
1.114(28.3)
HOLE FOR
NO. 8 SCREW
.571(14.5)
.555(14.1)
.033X.250
(0.8X6.4)
+
AC
AC
Metal Heat Sink
316


Similar Part No. - MP158

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP158 RECTRON-MP158 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
81Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP158 MCC-MP158 Datasheet
244Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP158 MPS-MP158 Datasheet
711Kb / 20P
Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
MP1580 MPS-MP1580 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
More results

Similar Description - MP158

ManufacturerPart #DatasheetDescription
logo
Bytes
MB1505 BYTES-MB1505 Datasheet
156Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MB1505W BYTES-MB1505W Datasheet
150Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB1505 FORMOSA-MB1505 Datasheet
41Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MB1505W FORMOSA-MB1505W Datasheet
34Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBU1501 ETC2-GBU1501 Datasheet
63Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
MB1505 UNIOHM-MB1505 Datasheet
72Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB1505W GWSEMI-MB1505W Datasheet
66Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MP1505W GWSEMI-MP1505W Datasheet
67Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC15005 DGNJDZ-KBPC15005 Datasheet
174Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
KBPC15005S DGNJDZ-KBPC15005S Datasheet
81Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com