Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT49C465 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # IDT49C465
Description  32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C465 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button IDT49C465 Datasheet HTML 17Page - Integrated Device Technology IDT49C465 Datasheet HTML 18Page - Integrated Device Technology IDT49C465 Datasheet HTML 19Page - Integrated Device Technology IDT49C465 Datasheet HTML 20Page - Integrated Device Technology IDT49C465 Datasheet HTML 21Page - Integrated Device Technology IDT49C465 Datasheet HTML 22Page - Integrated Device Technology IDT49C465 Datasheet HTML 23Page - Integrated Device Technology IDT49C465 Datasheet HTML 24Page - Integrated Device Technology IDT49C465 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
11.7
21
IDT49C465/A
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE (Con’t.)
The following conditions apply unless otherwise specified:
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
ICCQ
Quiescent Power Supply Current
VIN = VCC or GND
—
—
5
mA
CMOS Input Levels
VCC = Max. All Inputs
Outputs Disabled
ICCQT
Quiescent Power Supply Current
VIH = 3.4V, VIL = 0V
—
—
1
mA/
TTL Input Levels
VCC = Max. All Inputs
input
Outputs Disabled
ICCD1
Dynamic Power Supply Current
fCP = 10MHz, 50% Duty Cycle
COM'L.
—
—
100
mA
f = 10MHz
VIH = VCC, VIL = GND
Read Mode, Outputs Disabled
MIL.
—
—
115
ICCD2
Dynamic Power Supply Current
fCP = 20MHz, 50% Duty Cycle
COM'L.
—
—
200
mA
f = 20MHz
VIH = VCC, VIL = GND
Read Mode, Outputs Disabled
MIL.
—
—
230
NOTES:
2552 tbl 22
1. For conditions shown as Min. or Max., use appropriate value specified above for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient temperature, and maximum loading.
3. Total supply current is the sum of the Quiescent current and the dynamic current and is calculated as follows:
ICC = ICCQ + ICCQT (NT x DT) + ICCD (fOP)
where:
NT = Total # of quiescent TTL inputs
DT = AC Duty cycle – % of time high (TTL)
fOP = Operating frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com