Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19W Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # BAV19W
Description  FAST SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

BAV19W Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  BAV19W Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BAV19W Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Diodes
FAST SWITCHING DIODES
FEATURES
Fast switching speed
Surface mount package ideally suited for
automatic insertion
MARKING:
BAV19W : A8
BAV20W: T2
BAV21W: T3
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
BAV19W
BAV20W
BW
Unit
Non-Repetitive Peak reverse voltage
VRM
120
200
250
V
Peak Repetitive Peak reverse voltage
VRRM
100
150
250
V
Working Peak Reverse Voltage
VRRM
DC Blocking
VR
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Peak forward surge current
@=1.0ms
@=1.0s
IFSM
IFSM
2.5
0.5
A
A
Repetitive Peak Forward Current
IFRM
625
mA
Power Dissipation
Pd
500
mW
Ambient
Resistance
Junction
to Ambient
RθJA
250
/W
Storage temperature
TSTG
-65-125
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF1
VF2
1.0
1.25
V
V
IF=100mA
IF=200mA
Reverse current
BAV19W
IR
0.1
μA
VR=100V
BAV20W
IR
0.1
μA
VR=150V
BAV21W
IR
0.1
μA
VR=200V
Capacitance between terminals
CT
5
pF
VR=0,f=1MHz
Reverse Recovery Time
trr
50
ns
IR=IF=30mA
Irr=0.1*IR,RL=100Ω
SOD-123
-
+
BAV19W/20W/21W
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - BAV19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19W PANJIT-BAV19W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAV19W TRSYS-BAV19W Datasheet
147Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV19W WTE-BAV19W Datasheet
43Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV19W DIODES-BAV19W Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 9 - 2
logo
General Semiconductor
BAV19W GE-BAV19W Datasheet
187Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV19W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N914 VISHAY-1N914 Datasheet
113Kb / 4P
Fast Switching Diodes
16-Feb-07
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
FAST SWITCHING DIODES
logo
Cystech Electonics Corp...
BAS21SH CYSTEKEC-BAS21SH Datasheet
239Kb / 5P
Fast Switching Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BAV21W MAKOSEMI-BAV21W Datasheet
246Kb / 2P
FAST SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS355 WINNERJOIN-1SS355_15 Datasheet
129Kb / 2P
FAST SWITCHING DIODES
logo
Olitech Electronics Co....
1N4148WS OLITECH-1N4148WS Datasheet
540Kb / 2P
FAST SWITCHING DIODES
LL103A OLITECH-LL103A Datasheet
367Kb / 2P
FAST SWITCHING DIODES
logo
Nantong Hornby Electron...
1N4X48 HORNBY-1N4X48 Datasheet
306Kb / 4P
FAST SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com