Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9624 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9624
Description  Wideband Voltage Feedback Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9624 Datasheet(HTML) 2 Page - Analog Devices

  AD9624 Datasheet HTML 1Page - Analog Devices AD9624 Datasheet HTML 2Page - Analog Devices AD9624 Datasheet HTML 3Page - Analog Devices AD9624 Datasheet HTML 4Page - Analog Devices AD9624 Datasheet HTML 5Page - Analog Devices AD9624 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OBSOLETE
AD9624–SPECIFICATIONS
DC ELECTRICAL CHARACTERISTICS
Test
AD9624AN/AQ/AR
AD9624SQ
Parameter
Conditions
Temp
Level
Min
Typ
Max
Min
Typ
Max
Units
DC SPECIFICATIONS
1
Input Offset Voltage
+25
°CI
–8
±2+8
–8
±2+8mV
Full
VI
–10
+10
–10
+10
mV
Input Bias Current
+25
°CI
7
12
7
12
µA
Full
VI
16
16
µA
Bias Current TC
Full
V
35
35
nA/
°C
Input Offset Current
+25
°CI
–2
±0.3 +2
–2
±0.3 +2
µA
Full
VI
–3
+3
–3
+3
µA
Offset Current TC
Full
V
2.5
2.5
nA/
°C
Input Resistance
+25
°C V
500
500
k
Ω
Input Capacitance
+25
°C V
1.2
1.2
pF
Common-Mode Range
Full
VI
±3.0 ±3.4
±3.0 ±3.4
V
Common-Mode Rejection Ratio
∆V
CM = 1 V
+25
°C I
52
63
52
63
dB
Open-Loop Gain
VOUT = ± 2 V p-p
+25
°C V
74
74
dB
Output Voltage Range
Full
VI
±3.0 ±3.4
±3.0 ±3.4
V
Output Current
Full
II
60
70
60
70
mA
Output Resistance
+25
°C V
0.3
0.3
Ω
FREQUENCY DOMAIN
Small Signal Bandwidth
AV = 6
VOUT = 0.4 V p-p
Full
IV
200
300
200
300
MHz
AV = 8
VOUT = 0.4 V p-p
Full
II
130
190
130
190
MHz
Large Signal Bandwidth
VOUT = 4 V p-p
+25
°C V
170
170
MHz
Amplitude of Peaking
Full Spectrum
Full
II
0
0.4
0
0.4
dB
Amplitude of Peaking (AV = 6)
Full Spectrum
+25
°C IV
0.2
1.2
0.2
1.2
dB
Amplitude of Roll-off
DC to 100 MHz
Full
II
0.6
1.6
0.6
1.6
dB
Phase Nonlinearity
0.3 to 100 MHz
+25
°C V
0.7
0.7
Degree
2nd Harmonic Distortion
2 V p-p; 20 MHz
Full
II
–60
–52
–60
–52
dBc
3rd Harmonic Distortion
2 V p-p; 20 MHz
Full
II
–72
–64
–72
–64
dBc
Common-Mode Rejection Ratio
@ 20 MHz
+25
°C V
+30
+30
dB
Spectral Input Noise Voltage
1 to 200 MHz
+25
°C V
2.2
2.2
nV/
√Hz
Spectral Input Noise Current
1 to 200 MHz
+25
°C V
2.5
2.5
pA/
√Hz
Average Equivalent Integrated
Input Noise Voltage
0.1 to 200 MHz
+25
°C V
32
32
µV rms
TIME DOMAIN
Slew Rate
VOUT = 5 V Step
Full
IV
1400
2000
1400
2000
V/
µs
Rise/Fall Time
VOUT = 0.5 V Step
+25
°C V
1.8
1.8
ns
VOUT = 5 V Step
Full
IV
2.6
3.2
2.6
3.2
ns
Overshoot
VOUT = 2 V Step
Full
IV
0
7
0
7
%
Settling Time
To 0.1%
VOUT = 2 V Step
+25
°CV
8
8
ns
To 0.01%
VOUT = 2 V Step
Full
IV
15
20
15
20
ns
To 0.1%
2
VOUT = 4 V Step
+25
°CV
9
9
ns
To 0.01%
2
VOUT = 4 V Step
+25
°C V
17
17
ns
Overdrive Recovery
2
to
±2 mV
+25
°C V
130
130
ns
Differential Gain (4.3 MHz)
RL = 150
Ω
+25
°C V
0.015
0.015
%
Differential Phase (4.3 MHz)
RL = 150
Ω
+25
°C V
<0.01
<0.01
Degree
POWER SUPPLY REQUIREMENTS
1
Supply Voltage (
±V
S)
Full
IV
3.0
5.0
5.5
3.0
5.0
5.5
V
Quiescent Current
+IS
+VS = +5 V
Full
VI
23
29
23
29
mA
–IS
–VS = –5 V
Full
VI
23
29
23
29
mA
Power Supply Rejection Ratio
∆V
S = 1 V
+25
°C I
60
70
60
70
dB
NOTES
1Measured at A
V = 21.
2Measured with a 0.001
µF C
B capacitor connected across Pins 1 and 8.
Specifications subject to change without notice.
REV. 0
–2–
( VS =
5 V, RLOAD = 100
Ω; A
V = +8; RF = 510
, unless otherwise noted)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com