Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS10N60 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS10N60
Description  600V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS10N60 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS10N60 Datasheet HTML 1Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 2Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 3Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 4Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 5Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 6Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 7Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MS10N60
600V N-Channel MOSFET
Publication Order Number: [MS10N60]
© Bruckewell Technology Corporation Rev. A -2014
NOTE:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. IAS=9.5A, VDD=50V, RG=25Ω, Starting TJ =25°C
3. ISD≤9.5A, di/dt≤300A/μs, VDD≤BVDSS, Starting TJ =25 °C
4. Pulse test : Pulse Width ≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating temperature
Static Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
BVDSS
VGS = 0 V , ID = 250μA
600
--
--
V
△BV
DSS /△TJ
ID=250μA, Referenced to 25°C
--
0.70
--
VGS
VDS = VGS, ID = 250μA
2.0
4.0
V
*RDS(ON)
VGS = 10 V , ID = 4.75 A
--
0.6
0.73
m
Ω
IDSS
VDS = 600 V , VGS = 0 V
VDS = 480 V , VGS = 0 V , Tj= 125°C
--
--
1
10
uA
IGSSF
VGS = 30 V , VDS = 0 V
--
--
100
nA
IGSSR
VGS = -30 V , VDS = 0 V
--
--
-100
nA
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
Qg
VDS = 480 V,ID = 9.5 A,
VGS = 10 V
--
44
57
nC
Qgs
--
6.7
--
Qgd
--
18.5
--
td(on)
VDS = 300 V, ID = 9.5 A,
RG = 25 Ω
--
23
55
ns
tr
--
69
150
ns
td(off)
--
144
300
ns
tf
--
77
165
ns
CISS
VDS = 25 V, VGS = 0 V,
f=1.0MHz
--
1570
2040
pF
COSS
--
166
215
pF
CRSS
--
18
24
pF
Source-Drain Diode Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
IS
--
--
9.5
A
ISM
--
--
38
VSD
IS = 9.5 A , VGS=0
--
--
1.4
V
trr
IS = 9.5 A , VGS=0 , dIF/dt=100A/μs
--
420
--
nS
Qrr
--
4.2
--
uC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com